Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 12 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 12 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 8Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 9Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 10Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 11Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 12Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 13Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 14Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 15Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 16Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Type/Order Text
Ref.-No.
Volition™ U.K. Single Gang Faceplates, keystone, PU: 1pc/bag, MOQ: 2000 bags
1.1
Copper Cabling
1.1.1
Volition™ RJ45 K Faceplates and Sockets
Description
10
A wide range of face plates and boxes are available for the 'K'
series Jacks which ensure easy fitting and smart presentation of
the RJ45 outlet. Vertical and 30° angled versions are offered in
local country adaptations giving the ability to surface or flush
mount. The Keystone mounting feature of the Jack may allow you to
use VF-45TM or other Keystone boxes or face plates.
Different colour options are available in some versions. A label
holder and white application icon (coloured icons are available) fin-
ish the presentation to give a smart and functional appearance.
The choice of UTP, FTP or STP 360° braid or foil connection offers
you the electromagnetic compatibility level you require.
Volition™ Faceplates, keystone
Volition™ Faceplates, keystone, PU: 1pc/bag, MOQ: 24 bags
Volition™ 22,5x45 Faceplate, 1 port, keystone, white
VOL-FP2M-F1K
Volition™ 45x45 Faceplate, 1 port, keystone, white
VOL-FP4M-F1K
Volition™ 45x45 Faceplate, 2 ports, keystone, white
VOL-FP4M-F2K
Volition™ Single Gang Faceplates, keystone, PU: 1pc/bag, MOQ: 50 bags
Volition™ Single Gang Faceplate, 2 ports, keystone, bright white
VOL-0712B
Volition™ Single Gang Faceplate, 2 ports, keystone, office white
VOL-0712
Volition™ Single Gang Faceplate, 4 ports, keystone, bright white
VOL-0714B
Volition™ Single Gang Faceplate, 4 ports, keystone, office white
VOL-0714
Volition™ U.K. Single Gang Faceplate, 1 port, keystone, white
VOL-FPUK-1K
Volition™ U.K. Single Gang Faceplate, 2 ports, keystone, white
VOL-FPUK-2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com