Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 19 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 19 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 15Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 16Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 17Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 18Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 19Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 20Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 21Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 22Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 23Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
1
Volition™ Flush mounted Socket, 2 ports, central fixing, shielded
60-516-07700
Qmax III, RAL1013, beige
Volition™ Flush mounted Socket, 2 ports, central fixing, shielded
60-516-07725
Qmax III, RAL9010, white
Volition™ Flush mounted Socket, 2 ports, shielded
60-516-07800
Qmax III, RAL1013, beige
Volition™ Flush mounted Socket, 2 ports, shielded
60-516-07825
Qmax III, RAL9010, white
VolitionTM Flush mounted Socket, 2 ports, central fixing
60-516-08200
Qmax III, RAL1013, beige
VolitionTM Flush mounted Socket, 2 ports, central fixing
60-516-08225
Qmax III, RAL9010, white
VolitionTM Flush mounted Socket, 2 ports
60-516-08300
Qmax III, RAL1013, beige
VolitionTM Flush mounted Socket, 2 ports
60-516-08325
Qmax III, RAL9010, white
17
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Faceplates and Sockets
Description
Type/Order Text
Ref.-No.
Socket and Faceplates
Volition™German Socket Kit, Cat 5e, PU: 10 pcs/box, MOQ: 10 boxes
Delivery: 1 plastic front and 2x RJ45 ports with shutters for dust protection
Volition™ German Faceplates, Giga, PU: 20 pcs, MOQ: 20 boxes
Flush mounted, faceplates 50x50 mm for 2x RJ45 Giga Jacks
The Giga faceplate enables Giga Jacks to be used with wall
adapters and can work in flush mount or surface mount applica-
tions. The faceplates are available in different formats to suit local
requirements (German, American, UK, Swiss), in either 2 or 4
ports.
They are available in two colours (RAL1013, RAL9010) and are
complete with a label holder and port icons for detailed port identi-
fication.
Volition™ German Flush mounted 50x50 Faceplate, 2 ports,
60-516-04600
Giga, RAL1013, beige
Volition™ German Flush mounted 50x50 Faceplate, 2 ports,
60-516-04625
Giga, RAL9010, white
German Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com