Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 25Page - Power Integrations, Inc. DER-96 Datasheet HTML 26Page - Power Integrations, Inc. DER-96 Datasheet HTML 27Page - Power Integrations, Inc. DER-96 Datasheet HTML 28Page - Power Integrations, Inc. DER-96 Datasheet HTML 29Page - Power Integrations, Inc. DER-96 Datasheet HTML 30Page - Power Integrations, Inc. DER-96 Datasheet HTML 31Page - Power Integrations, Inc. DER-96 Datasheet HTML 32Page - Power Integrations, Inc. DER-96 Datasheet HTML 33Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 30 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
12 Conducted EMI
EMI was tested at room temperature and at 230 VAC input. An AC-DC (48 V output)
adapter was plugged into the LISN (AC-output). The DC-DC converter (using DPA423
was plugged into the 48 VDC output from the AC-DC adapter.
In some tests the output of the DC-DC converter was left floating and in other cases the
output (0 VDC) was connected to Earth ground.
12.1 230V High Line EMI
Figure 27 – 230 VAC - N1 - full system grounded
output - full-load
Figure 28 – 230 VAC - L1 - full system grounded
output - full-load
Figure 29 – 230 VAC - N1 - full system floating
output - full-load
Figure 30 – 230 VAC - L1 - full system floating
output - full-load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com