Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. DER-96 Datasheet HTML 15Page - Power Integrations, Inc. DER-96 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 12 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
7
Transformer Design Spreadsheet
DCDC_DPASwitch_
061704; Rev.1.11;
Copyright Power
Integrations Inc.
2004
INPUT
INFO
OUTPUT
UNITS
DPASwitch_Flyback_061704 - Continuous/Discontinuous mode Spreadsheet.
Copyright 2004 Power Integrations
ENTER APPLICATION VARIABLES
App140569 - EFD20 - 010605a
VDCMIN
37
Volts
Minimum DC Input Voltage
VDCMAX
57
Volts
Maximum DC Input Voltage
VO
3.3
Volts
Output Voltage
PO
10 Comment
Watts
Verify temperature rise for continuous power. P and G packages may be thermally
limited
n0.8
Efficiency Estimate
Z
0.7
Loss Allocation Factor, (0.7 Recommended)
VB
14
Volts
Bias Voltage (Recommended between 12V and 18V)
UV AND OV PARAMETERS
min
max
VUVOFF
30.8802 34.06899 Volts
Minimum undervoltage On-Off threshold
VUVON
33.11235 35.66338 Volts
Maximum undervoltage Off-On threshold (turn-on)
VOVON
77.1176 -
Volts
Minimum overvoltage Off-On threshold
VOVOFF
97.52584 Volts
Maximum overvoltage On-Off threshold (turn-off)
RL
637.7573 k-Ohms
ENTER DPASWITCH VARIABLES
DPASWITCH
DPA423P
16VDC
36 VDC
Chosen Device
#N/A
Power Out 6W
13W
ILIMITMAX
#N/A
1.34
Amps
From DPASWITCH Data Sheet
Frequency
F
Enter 'F' for fS = 400KHz and 'L' for fS = 300KHz
fS
#N/A
Hertz
DPASWITCH Switching Frequency
VOR
38
38 Volts
Reflected Output Voltage
KI
0.80
0.8
Current Limit Reduction Factor
ILIMITEXT
0.928 Amps
Minimum External Current limit
RX
9.501216 k-Ohms
Resistor from X pin to source to set external current limit
VDS
1
Volts
DPASWITCH on-state Drain to Source Voltage
VD
0.45
Volts
Output Winding Diode Forward Voltage Drop
VDB
0.7
Volts
Bias Winding Diode Forward Voltage Drop
KRP/KDP
0.40
Ripple to Peak Current Ratio (0.2 < KRP < 1.0 : 1.0< KDP<6.0)
ENTER TRANSFORMER CORE/CONSTRUCTION VARIABLES
Core Type
efd20
Selected Transformer Core
Core Manuf
Bobbin Manuf
Core
EFD20
P/N:
EFD20-3F3-Exxx-xx
Bobbin
EFD20_Bob
P/N:
CPHS-EFD20-1S-10P-T
AE
0.31 cm^2
Core Effective Cross Sectional Area
LE
4.7 cm
Core Effective Path Length
AL
1200 nH/T^2
Ungapped Core Effective Inductance
BW
13.5 mm
Bobbin Physical Winding Width
M0
mm
Safety Margin Width (Half the Primary to Secondary Creepage Distance)
L2
Number of Primary Layers
NS
3
Number of Secondary Turns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com