Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 19Page - Power Integrations, Inc. DER-96 Datasheet HTML 20Page - Power Integrations, Inc. DER-96 Datasheet HTML 21Page - Power Integrations, Inc. DER-96 Datasheet HTML 22Page - Power Integrations, Inc. DER-96 Datasheet HTML 23Page - Power Integrations, Inc. DER-96 Datasheet HTML 24Page - Power Integrations, Inc. DER-96 Datasheet HTML 25Page - Power Integrations, Inc. DER-96 Datasheet HTML 26Page - Power Integrations, Inc. DER-96 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 23 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Vnom1=
3.3 Vnom3=
12
Vnom2=
5
%Vout1
%Vout2
%Vout3
Pin
Eff
Pout1
Pout2
Pout3
Pout6
Pout
(%)
(%)
(%)
(W)
(%)
(W)
(W)
(W)
(W)
(W)
100.0%
100.4%
98.7%
0.7896
0.0%
0.0
0.0
0.0
0.0
0.0
98.5%
102.2%
93.4%
3.8728
57.9%
0.0
0.0
2.2
0.0
2.2
100.3%
100.4%
104.5%
1.88
53.4%
0.0
1.0
0.0
0.0
1.0
99.7%
101.0%
95.7%
5.2264
63.3%
0.0
1.0
2.3
0.0
3.3
98.2%
102.8%
104.0%
3.008
53.9%
1.6
0.0
0.0
0.0
1.6
97.9%
102.8%
95.5%
6.016
64.9%
1.6
0.0
2.3
0.0
3.9
99.4%
101.4%
104.3%
4.512
58.8%
1.6
1.0
0.0
0.0
2.7
99.1%
101.2%
97.2%
7.3696
67.6%
1.6
1.0
2.3
0.0
5.0
97.0%
103.8%
104.0%
10.3875
61.6%
6.4
0.0
0.0
0.0
6.4
97.0%
103.6%
100.5%
12.5625
70.1%
6.4
0.0
2.4
0.0
8.8
97.9%
102.6%
104.3%
12.1875
61.4%
6.5
1.0
0.0
0.0
7.5
97.6%
102.4%
102.1%
14.1375
70.1%
6.4
1.0
2.5
0.0
9.9
100.0%
100.8%
98.9%
0.9158
0.0%
0.0
0.0
0.0
0.0
0.0
98.5%
102.2%
93.6%
4.0006
56.1%
0.0
0.0
2.2
0.0
2.2
100.3%
100.2%
104.6%
2.0244
49.5%
0.0
1.0
0.0
0.0
1.0
99.4%
101.0%
95.7%
5.4353
60.8%
0.0
1.0
2.3
0.0
3.3
98.2%
102.8%
104.0%
2.9341
55.2%
1.6
0.0
0.0
0.0
1.6
97.9%
102.8%
95.3%
6.1568
63.4%
1.6
0.0
2.3
0.0
3.9
99.4%
101.4%
104.3%
4.6657
56.9%
1.6
1.0
0.0
0.0
2.7
99.1%
101.6%
97.0%
7.5036
66.4%
1.6
1.0
2.3
0.0
5.0
97.0%
103.6%
103.9%
10.2934
62.2%
6.4
0.0
0.0
0.0
6.4
97.0%
103.6%
99.5%
12.5541
70.0%
6.4
0.0
2.4
0.0
8.8
97.9%
102.2%
104.3%
11.9769
62.5%
6.5
1.0
0.0
0.0
7.5
97.9%
102.4%
101.0%
14.0452
70.5%
6.5
1.0
2.4
0.0
9.9
100.0%
100.8%
98.8%
0.9792
0.0%
0.0
0.0
0.0
0.0
0.0
98.5%
102.4%
93.6%
3.9744
56.5%
0.0
0.0
2.2
0.0
2.2
100.3%
100.2%
104.6%
2.1888
45.8%
0.0
1.0
0.0
0.0
1.0
99.4%
101.0%
95.6%
5.5872
59.1%
0.0
1.0
2.3
0.0
3.3
98.2%
102.8%
104.0%
2.9376
55.1%
1.6
0.0
0.0
0.0
1.6
97.9%
102.8%
95.3%
6.336
61.6%
1.6
0.0
2.3
0.0
3.9
99.4%
101.4%
104.3%
4.7808
55.5%
1.6
1.0
0.0
0.0
2.7
99.1%
101.4%
96.8%
7.7184
64.4%
1.6
1.0
2.3
0.0
5.0
97.0%
103.6%
104.0%
10.4075
61.5%
6.4
0.0
0.0
0.0
6.4
97.0%
103.6%
99.0%
12.5925
69.7%
6.4
0.0
2.4
0.0
8.8
97.9%
102.4%
104.3%
11.9025
62.9%
6.5
1.0
0.0
0.0
7.5
97.9%
102.4%
100.4%
14.0875
70.2%
6.5
1.0
2.4
0.0
9.9
100.3%
103.8%
104.5%
14.1
70.1%
9.9
97.0%
100.4%
93.4%
1.9
53.4%
1.0
3.3%
3.4%
11.1%
12.3
16.7%
High efficiency at 48
VDC full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com