Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 9Page - Power Integrations, Inc. DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. DER-96 Datasheet HTML 15Page - Power Integrations, Inc. DER-96 Datasheet HTML 16Page - Power Integrations, Inc. DER-96 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 13 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Note1: the output Vout2 is DC-stacked on top of Vout1 (after the Vout1 rectifier diode),
the output Vout3 is AC-stacked on top of the Vout2 winding (before Vout2 rectifier diode).
CURRENT WAVEFORM SHAPE PARAMETERS
DMAX
0.513514
Maximum Duty Cycle
IAVG
0.337838 Amps
Average Primary Current
IP
0.822368 Amps
Peak Primary Current
IR
0.328947 Amps
Primary Ripple Current
IRMS
0.476332 Amps
Primary RMS Current
TRANSFORMER PRIMARY DESIGN PARAMETERS
LP
144.7851 uHenries
Primary Inductance
NP
30.4
Primary Winding Number of Turns
NB
11.76
Bias Winding Number of Turns
ALG
156.6667 nH/T^2
Gapped Core Effective Inductance
BP
1425.727 Gauss
Peak Flux density during transients (Limit to 3000 Gauss)
BM
1263.441 Gauss
Maximum Flux Density
BAC
252.6882 Gauss
AC Flux Density for Core Loss Curves (0.5 X Peak to Peak)
ur
1447.793
Relative Permeability of Ungapped Core
LG
0.216191 mm
Gap Length (Lg >> 0.051 mm)
BWE
27 mm
Effective Bobbin Width
TRANSFORMER SECONDARY DESIGN PARAMETERS
ISP
8.333333 Amps
Peak Secondary Current
ISRMS
4.698092 Amps
Secondary RMS Current
IO
3.030303 Amps
Power Supply Output Current
IRIPPLE
3.590172 Amps
Output Capacitor RMS Ripple Current
VOLTAGE STRESS PARAMETERS
VDRAIN
156.8 Volts
Maximum Drain Voltage (Includes Effect of Leakage Inductance)
PIVS
8.925 Volts
Output Rectifier Maximum Peak Inverse Voltage
PIVB
36.05 Volts
Bias Rectifier Maximum Peak Inverse Voltage
ADDITIONAL OUTPUTS
V_OUT2
1.7330
Volts
Auxiliary Output Voltage
VD_OUT2
0.8000
Volts
Auxiliary Diode Forward Voltage Drop
N_OUT2
2.0264
Auxiliary Number of Turns
PIV_OUT2
5.5325 Volts
Auxiliary Rectifier Maximum Peak Inverse Voltage
V_OUT3
6.9
Volts
Auxiliary Output Voltage
VD_OUT3
0.7
Volts
Auxiliary Diode Forward Voltage Drop
N_OUT3
6.08
Auxiliary Number of Turns
PIV_OUT3
18.3 Volts
Auxiliary Rectifier Maximum Peak Inverse Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com