Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. DER-96 Datasheet HTML 15Page - Power Integrations, Inc. DER-96 Datasheet HTML 16Page - Power Integrations, Inc. DER-96 Datasheet HTML 17Page - Power Integrations, Inc. DER-96 Datasheet HTML 18Page - Power Integrations, Inc. DER-96 Datasheet HTML 19Page - Power Integrations, Inc. DER-96 Datasheet HTML 20Page - Power Integrations, Inc. DER-96 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 17 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Inductor Specification
9.1
Inductor Winding
3
W2: 15T
1 x 27 AWG
1
4
W1: 15T
1 x 27 AWG
2
Figure 5 – Inductor Electrical Diagram
9.2
Electrical Specifications
Electrical Strength
Non-isolated
N/A
Primary Inductance
Pins 4-2, all other windings open, measured at
300 kHz, 0.4 VRMS
520
µH, -0/+20%
Resonant Frequency
Pins 4-2, all other windings open
3.9 MHz (Min.)
Primary Leakage Inductance
Pins 4-2, with Pins 1,2,3,5,6,8 shorted, measured
at 300 kHz, 0.4 VRMS
3.5 uH (Max.)
9.3
Materials
Item
Description
[1]
Core: Fair-rite - 5975000201 (diameter 9.5mm, Al=4400)
[2]
Bobbin – 8 pin former
[3a]
27AWG Doubled insulated
[8]
Hot-set glue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com