Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. DER-96 Datasheet HTML 15Page - Power Integrations, Inc. DER-96 Datasheet HTML 16Page - Power Integrations, Inc. DER-96 Datasheet HTML 17Page - Power Integrations, Inc. DER-96 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 14 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Transformer Specification
8.1
Transformer Winding
W4: 3T
4 x 27 AWG
7
5
1
W5: 2T
3 x 27 AWG
8
6
3
W1: 30T
1 x 27 AWG
4
W2: 12T
1 x 36 AWG
2
W6: 6T
1 x 27 AWG
FL1 (J3)
FL2 (J4)
W3: 1.5T
FOIL ** .
2
FLOAT
Figure 3 – Transformer Electrical Diagram (** denotes reverse wound)
8.2
Electrical Specifications
Electrical Strength
Non-isolated
N/A
Primary Inductance
Pins 3-4, all other windings open, measured at
300 kHz, 0.4 VRMS
145
µH, -
0/+20%
Resonant Frequency
Pins 3-4, all other windings open
5 MHz (Min.)
Primary Leakage Inductance
Pins 3-4, with Pins 5,6,7,8 shorted, measured at
300 kHz, 0.4 VRMS
5 uH (Max.)
8.3
Materials
Item
Description
[1]
Core: EFD20 ALG=157 nH/t^2 (core 3F3 material)
[2]
Bobbin: EFD20 8-pin horizontal
[3a]
27AWG Doubled insulated
[3b]
36 AWG Doubled insulated
[3c]
1 mil foil
[4]
Prepared foil – see assembly diagram.
[6]
Tape:
[8]
Varnish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com