Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. DER-96 Datasheet HTML 15Page - Power Integrations, Inc. DER-96 Datasheet HTML 16Page - Power Integrations, Inc. DER-96 Datasheet HTML 17Page - Power Integrations, Inc. DER-96 Datasheet HTML 18Page - Power Integrations, Inc. DER-96 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 15 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8.4
Transformer Build Diagram
W2
Tape
1
4
3
W1
6
W5
Tape
Tape
5
8
2
7
W4
Tape
FL1
FL2
W6
Tape
W3
2
Figure 4 – Transformer Build Diagram
8.5
Transformer Construction
W1
Start at Pin 4. Wind 30 turns item [3a]. Finish on pin 3
Tape
Use layer of item [6].
W2
Start at Pin 1. Wind 12 turns item [3b]. Spread evenly across bobbin.
Finish on pin 2
Tape
Use layer of item [6].
W3
Start at Pin 2. Wind reverse direction 1.5 turns of item [4]. Finish winding
and leave floating in stack.
Tape
Use layer of item [6].
W4
Start at Pins 7. Wind 3 turns quad-filar item [3a]. Spread evenly across
bobbin. Finish temporarily on pin 1.
W5
Start at Pin 8. Wind 2 turns tri-filar item [3a]. Spread evenly across
bobbin, filling in the gaps in the previous W3. Finish on pin 6.
Move temporary connection from Pin 1 to Pin 5.
Tape
Use layer of item [6].
W6
Start at FL2. Wind 6 turns item [3a]. Spread evenly across bobbin. Finish
on FL1.
Outer Wrap
Wrap windings with 3 layers of tape [item [7].
Core Ground
Use copper self-adhesive tape touching core on all four sides. Make
connection from this tape to pin 2 of bobbin. Note: this is not a “belly-
band”, this is instead purely to electrically ground the core
Final Assembly
Assemble and secure core halves. Varnish impregnate (item [8]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com