Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 20Page - Power Integrations, Inc. DER-96 Datasheet HTML 21Page - Power Integrations, Inc. DER-96 Datasheet HTML 22Page - Power Integrations, Inc. DER-96 Datasheet HTML 23Page - Power Integrations, Inc. DER-96 Datasheet HTML 24Page - Power Integrations, Inc. DER-96 Datasheet HTML 25Page - Power Integrations, Inc. DER-96 Datasheet HTML 26Page - Power Integrations, Inc. DER-96 Datasheet HTML 27Page - Power Integrations, Inc. DER-96 Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 24 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.5 Thermal Performance
Figure 10 – Thermal Performance of Key Power Supply Components
Figure 11 – Raw Test Data
Temperature Vs Time
0
20
40
60
80
100
1
10
100
Time (min)
Ch1 - U1
Ch2 - Amb
Ch3 - C11
Ch4 - D8
Ch5 - T1
Time
Temperature
U1 (Drain)
Amb
C11
D8
T1
(Mins.)
('C)
('C)
('C)
('C)
('C)
024
24
25
25
25
144
24
27
43
30
247
24
31
49
35
460
24
36
52
41
863
24
44
63
52
16
73
25
49
64
58
37
66
26
51
70
61
66
73
26
50
65
61
132
66
26
49
71
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com