Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-96 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 18Page - Power Integrations, Inc. DER-96 Datasheet HTML 19Page - Power Integrations, Inc. DER-96 Datasheet HTML 20Page - Power Integrations, Inc. DER-96 Datasheet HTML 21Page - Power Integrations, Inc. DER-96 Datasheet HTML 22Page - Power Integrations, Inc. DER-96 Datasheet HTML 23Page - Power Integrations, Inc. DER-96 Datasheet HTML 24Page - Power Integrations, Inc. DER-96 Datasheet HTML 25Page - Power Integrations, Inc. DER-96 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 22 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.4 Raw Performance Data
It can be seen from the data below, that the power supply meets the regulation
requirements even without need for a linear-regulator on the 5 V output. Also the
efficiency of 70.5% at 48 VDC very high compared to alternate solutions.
Vin
Iin
Vout1
Iout1
Vout2
Iout2
Vout3
Iout3
(DC)
(A)
(V)
(A)
(V)
(A)
(V)
(A)
37.6
0.021
3.3
0
5.02
0
11.84
0
37.6
0.103
3.25
0
5.11
0
11.21
0.2
37.6
0.05
3.31
0
5.02
0.2
12.54
0
37.6
0.139
3.29
0
5.05
0.2
11.48
0.2
37.6
0.08
3.24
0.5
5.14
0
12.48
0
37.6
0.16
3.23
0.5
5.14
0
11.46
0.2
37.6
0.12
3.28
0.5
5.07
0.2
12.52
0
37.6
0.196
3.27
0.5
5.06
0.2
11.66
0.2
37.5
0.277
3.2
2
5.19
0
12.48
0
37.5
0.335
3.2
2
5.18
0
12.06
0.2
37.5
0.325
3.23
2
5.13
0.2
12.52
0
37.5
0.377
3.22
2
5.12
0.2
12.25
0.2
48.2
0.019
3.3
0
5.04
0
11.87
0
48.2
0.083
3.25
0
5.11
0
11.23
0.2
48.2
0.042
3.31
0
5.01
0.2
12.55
0
48.1
0.113
3.28
0
5.05
0.2
11.48
0.2
48.1
0.061
3.24
0.5
5.14
0
12.48
0
48.1
0.128
3.23
0.5
5.14
0
11.44
0.2
48.1
0.097
3.28
0.5
5.07
0.2
12.52
0
48.1
0.156
3.27
0.5
5.08
0.2
11.64
0.2
48.1
0.214
3.2
2
5.18
0
12.47
0
48.1
0.261
3.2
2
5.18
0
11.94
0.2
48.1
0.249
3.23
2
5.11
0.2
12.51
0
48.1
0.292
3.23
2
5.12
0.2
12.12
0.2
57.6
0.017
3.3
0
5.04
0
11.86
0
57.6
0.069
3.25
0
5.12
0
11.23
0.2
57.6
0.038
3.31
0
5.01
0.2
12.55
0
57.6
0.097
3.28
0
5.05
0.2
11.47
0.2
57.6
0.051
3.24
0.5
5.14
0
12.48
0
57.6
0.11
3.23
0.5
5.14
0
11.44
0.2
57.6
0.083
3.28
0.5
5.07
0.2
12.52
0
57.6
0.134
3.27
0.5
5.07
0.2
11.62
0.2
57.5
0.181
3.2
2
5.18
0
12.48
0
57.5
0.219
3.2
2
5.18
0
11.88
0.2
57.5
0.207
3.23
2
5.12
0.2
12.51
0
57.5
0.245
3.23
2
5.12
0.2
12.05
0.2
Max
3.31
0.3%
5.19
3.8%
12.54
4.5%
Min
3.2
-3.0%
5.02
0.4%
11.21
-6.6%
Delta
0.11
3.3%
0.17
3.4%
1.33
11.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com