Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 42Page - NXP Semiconductors TDA4841 Datasheet HTML 43Page - NXP Semiconductors TDA4841 Datasheet HTML 44Page - NXP Semiconductors TDA4841 Datasheet HTML 45Page - NXP Semiconductors TDA4841 Datasheet HTML 46Page - NXP Semiconductors TDA4841 Datasheet HTML 47Page - NXP Semiconductors TDA4841 Datasheet HTML 48Page - NXP Semiconductors TDA4841 Datasheet HTML 49Page - NXP Semiconductors TDA4841 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
1999 Oct 25
46
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Vertical linearity error
H-focus pre-correction
Fig.27 Definition of vertical linearity error.
(1) IVOUT =IVOUT1 − IVOUT2.
(2) I1 =IVOUT at VVCAP = 1.9 V.
(3) I2 =IVOUT at VVCAP = 2.6 V.
(4) I3 =IVOUT at VVCAP = 3.3 V.
Which means:
Vertical linearity error =
I
0
I
1
I
3
–
2
--------------
=
1
max
I
1
I
2
–
I
0
-------------- or
I
2
I
3
–
I
0
--------------


–
handbook, halfpage
I1
(2)
I2
(3)
I3
(4)
IVOUT
(1)
(
µA)
+415
−415
0
VVCAP
MBG551
Fig.28 Definition of H-focus pre-correction.
handbook, halfpage
MGS282
(1)
(2)
tprecor = 450 ns
tprecor = 300 ns
(1) Line flyback pulse at HFLB (pin 1).
(2) Horizontal focus parabola at FOCUS (pin 32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com