Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 18Page - NXP Semiconductors TDA4841 Datasheet HTML 19Page - NXP Semiconductors TDA4841 Datasheet HTML 20Page - NXP Semiconductors TDA4841 Datasheet HTML 21Page - NXP Semiconductors TDA4841 Datasheet HTML 22Page - NXP Semiconductors TDA4841 Datasheet HTML 23Page - NXP Semiconductors TDA4841 Datasheet HTML 24Page - NXP Semiconductors TDA4841 Datasheet HTML 25Page - NXP Semiconductors TDA4841 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
1999 Oct 25
22
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
EW drive output
EW DRIVE OUTPUT STAGE: PIN EWDRV; see Figs 8 to 11
Vo(const)(EWDRV)
bottom output voltage at
pin EWDRV
(internally stabilized)
register HPIN = 0;
register HTRAP = 32;
register HSIZE = 255;
control bit VSC = 1
1.05
1.2
1.35
V
Vo(EWDRV)(max)
maximum output voltage
note 9
7.0
−−
V
IL(EWDRV)
load current
−−±2mA
TCEWDRV
temperature coefficient of
output signal
−−
600
10−6/K
VHPIN(EWDRV)
horizontal pincushion voltage
register HPIN = 0;
control bit VSC = 1; note 8
−
0.04
−
V
register HPIN = 63; control
bit VSC = 1; note 8
−
1.42
−
V
VHCORT(EWDRV)
horizontal corner correction
voltage at top of picture
register HCORT = 0;
control bit VSC = 0; note 8
−
0.2
−
V
register HCORT = 63;
control bit VSC = 0; note 8
−−0.64
−
V
register HCORT = X;
control bit VSC = 1; note 8
−
0
−
V
VHCORB(EWDRV)
horizontal corner correction
voltage at bottom of picture
register HCORB = 0;
control bit VSC = 0; note 8
−
0.2
−
V
register HCORB = 63;
control bit VSC = 0; note 8
−−0.64
−
V
register HCORB = X;
control bit VSC = 1; note 8
−
0
−
V
VHTRAP(EWDRV)
horizontal trapezium correction
voltage
register HTRAP = 63;
note 8
−−0.5
−
V
register HTRAP = 0; note 8
−
0.5
−
V
register HTRAP = 32;
note 8
−−0.01
−
V
VHSIZE(EWDRV)
horizontal size voltage
register HSIZE = 255;
note 8
−
0.13
−
V
register HSIZE = 0; note 8
−
3.6
−
V
VHEHT(EWDRV)
EHT compensation on
horizontal size via HSMOD
(pin 31)
IHSMOD = 0; note 8
−
0.02
−
V
IHSMOD = −120 µA; note 8
−
0.69
−
V
Ii(HSMOD)
input current (pin 31)
VHEHT = 0.02 V
−
0
−µA
VHEHT = 0.69 V
−−120
−µA
Ri(HSMOD)
input resistance
300
−
500
Ω
Vref(HSMOD)
reference voltage at input
Ii(HSMOD) =0
−
5.0
−
V
fro(HSMOD)
roll-off frequency (
−3 dB)
Ii(HSMOD) = −60 µA
+15
µA (RMS)
1
−−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com