Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 13Page - NXP Semiconductors TDA4841 Datasheet HTML 14Page - NXP Semiconductors TDA4841 Datasheet HTML 15Page - NXP Semiconductors TDA4841 Datasheet HTML 16Page - NXP Semiconductors TDA4841 Datasheet HTML 17Page - NXP Semiconductors TDA4841 Datasheet HTML 18Page - NXP Semiconductors TDA4841 Datasheet HTML 19Page - NXP Semiconductors TDA4841 Datasheet HTML 20Page - NXP Semiconductors TDA4841 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
1999 Oct 25
17
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Horizontal oscillator: pins HCAP and HREF
ffr(H)
free-running frequency without
PLL1 action (for testing only)
RHBUF = ∞;
RHREF = 2.4 kΩ;
CHCAP = 10 nF; note 3
30.53
31.45
32.39
kHz
∆f
fr(H)
spread of free-running
frequency (excluding spread of
external components)
−−±3.0
%
TCfr
temperature coefficient of
free-running frequency
−100
0
+100
10−6/K
fH(max)
maximum oscillator frequency
−−
130
kHz
VHREF
voltage at input for reference
current
2.43
2.55
2.68
V
Unlock blanking detection: pin HUNLOCK
Vscan(HUNLOCK)
low-level voltage of HUNLOCK
saturation voltage in case
of locked PLL1; internal
sink current = 1 mA
−−
250
mV
Vblank(HUNLOCK)
blanking level of HUNLOCK
IL = 0
0.9
1
1.1
V
TCblank
temperature coefficient of
Vblank(HUNLOCK)
−−0.9
−
mV/K
TCsink
temperature coefficient of
Isink(HUNLOCK)
−
0.15
−
%/K
Isink(int)
internal sink current
for blanking pulses;
PLL1 locked
1.4
2.0
2.6
mA
IL(max)
maximum external load current
VHUNLOCK =1V
−−−2mA
ILI
leakage current
VHUNLOCK = 5 V in case of
unlocked PLL1 and/or
protection active
−−±5
µA
PLL1 phase comparator and frequency-locked loop: pins HPLL1 and HBUF
tW(HSYNC)(max)
maximum width of horizontal
sync pulse (referenced to line
period)
−−
25
%
tlock(HPLL1)
total lock-in time of PLL1
−
40
80
ms
Ictrl(HPLL1)
control currents
notes 4 and 5
locked mode; level 1
−
15
−µA
locked mode; level 2
−
145
−µA
VHBUF
buffered f/v voltage at HBUF
(pin 27)
minimum horizontal
frequency
−
2.55
−
V
maximum horizontal
frequency
−
0.5
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com