Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 19Page - NXP Semiconductors TDA4841 Datasheet HTML 20Page - NXP Semiconductors TDA4841 Datasheet HTML 21Page - NXP Semiconductors TDA4841 Datasheet HTML 22Page - NXP Semiconductors TDA4841 Datasheet HTML 23Page - NXP Semiconductors TDA4841 Datasheet HTML 24Page - NXP Semiconductors TDA4841 Datasheet HTML 25Page - NXP Semiconductors TDA4841 Datasheet HTML 26Page - NXP Semiconductors TDA4841 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
1999 Oct 25
23
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
TRACKING OF EWDRV OUTPUT SIGNAL WITH HORIZONTAL FREQUENCY PROPORTIONAL VOLTAGE
fH(MULTI)
horizontal frequency range for
tracking
15
−
80
kHz
VPAR(EWDRV)
parabola amplitude at EWDRV
(pin 11)
IHREF = 1.052 mA;
fH = 31.45 kHz; control bit
FHMULT = 1; note 10
−
0.72
−
V
IHREF = 2.341 mA;
fH = 70 kHz; control bit
FHMULT = 1; note 10
−
1.42
−
V
function disabled; control
bit FHMULT = 0; note 10
−
1.42
−
V
LEEWDRV
linearity error of horizontal
frequency tracking
−−
8%
Output for asymmetric EW corrections: pin ASCOR
VHPARAL(ASCOR)
vertical sawtooth voltage for
EW parallelogram correction
register HPARAL = 0;
note 8
−−0.825 −
V
register HPARAL = 63;
note 8
−
0.825
−
V
register HPARAL = 32;
note 8
−
0.05
−
V
VHPINBAL(ASCOR)
vertical parabola for pin
unbalance correction
register HPINBAL = 0;
note 8
−−1.0
−
V
register HPINBAL = 63;
note 8
−
1.0
−
V
register HPINBAL = 32;
note 8
−
0.05
−
V
Vo(ASCOR)(max)(p-p) maximum output voltage swing
(peak-to-peak value)
−
4
−
V
Vo(ASCOR)(max)
maximum output voltage
−
6.5
−
V
Vc(ASCOR)
centre voltage
−
4.0
−
V
Vo(ASCOR)(min)
minimum output voltage
−
1.9
−
V
Io(ASCOR)(max)
maximum output current
Vo(ASCOR) ≥ 1.9 V
−−1.5
−
mA
Isink(ASCOR)(max)
maximum output sink current
Vo(ASCOR) ≥ 1.9 V
−
50
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com