Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 24Page - NXP Semiconductors TDA4841 Datasheet HTML 25Page - NXP Semiconductors TDA4841 Datasheet HTML 26Page - NXP Semiconductors TDA4841 Datasheet HTML 27Page - NXP Semiconductors TDA4841 Datasheet HTML 28Page - NXP Semiconductors TDA4841 Datasheet HTML 29Page - NXP Semiconductors TDA4841 Datasheet HTML 30Page - NXP Semiconductors TDA4841 Datasheet HTML 31Page - NXP Semiconductors TDA4841 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
1999 Oct 25
28
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Vertical and EW adjustments
Fig.3 Adjustment of vertical size.
(1)
∆I1 is the maximum amplitude setting at register VSIZE = 127,
register VGAIN = 63, control bit VOVSCN = 0.
VSIZE
I
∆
2
I
∆
1
--------
100%
×
=
VSMOD
I
∆
2
I
∆
1
--------
100%
×
=
handbook, halfpage
t
IVOUT1
IVOUT2
∆l
2
∆l
1
(1)
MBG590
Fig.4 Adjustment of vertical size.
(1)
∆I1 is the maximum amplitude setting at register VSIZE = 127,
register VGAIN = 63, control bit VOVSCN = 0.
VGAIN
I
∆
2
I
∆
1
--------
100%
×
=
handbook, halfpage
MGS274
IVOUT1
IVOUT2
t
∆I2
∆I1(1)
Fig.5 Adjustment of vertical position.
(1)
∆I1 is the maximum amplitude setting at register VSIZE = 127
and register VGAIN = 63.
VPOS
I
2
∆
I
1
∆
–
2I
1
∆
×
----------------------
100%
×
=
VOFFS
I
2
∆
I
1
∆
–
2I
1
∆
×
----------------------
100%
×
=
handbook, halfpage
t
IVOUT1
IVOUT2
∆l
2
∆l
1
(1)
MBG592
Fig.6 IVOUT1 and IVOUT2 as functions of time.
(1)
∆I1 is the maximum amplitude setting at register VSIZE = 127
and VLIN = 0%.
VLIN
I
∆
1
I
∆
2
–
I
1
∆
----------------------
100%
×
=
handbook, halfpage
t
IVOUT1
IVOUT2
∆l
2/∆t
∆l
1
(1)/∆t
MBG594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com