Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA4841 Datasheet HTML 1Page - NXP Semiconductors TDA4841 Datasheet HTML 2Page - NXP Semiconductors TDA4841 Datasheet HTML 3Page - NXP Semiconductors TDA4841 Datasheet HTML 4Page - NXP Semiconductors TDA4841 Datasheet HTML 5Page - NXP Semiconductors TDA4841 Datasheet HTML 6Page - NXP Semiconductors TDA4841 Datasheet HTML 7Page - NXP Semiconductors TDA4841 Datasheet HTML 8Page - NXP Semiconductors TDA4841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
1999 Oct 25
3
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
GENERAL DESCRIPTION
The TDA4841PS is a high performance and efficient
solution for autosync monitors. All functions are
controllable by the I2C-bus.
The TDA4841PS provides synchronization processing,
horizontal and vertical synchronization with full autosync
capability and very short settling times after mode
changes. External power components are given a great
deal of protection. The IC generates the drive waveforms
for DC-coupled vertical boosters such as TDA486x and
TDA835x.
The TDA4841PS provides extended functions e.g. as a
flexible B+ control, an extensive set of geometry control
facilities, and a combined output for horizontal and vertical
focus signals.
Together with the I2C-bus driven Philips TDA488x video
processor family, a very advanced system solution is
offered.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
9.2
−
16
V
ICC
supply current
−
70
−
mA
ICC(stb)
supply current during standby mode
−
9
−
mA
VSIZE
vertical size
60
−
100
%
VGA
VGA overscan for vertical size
−
16.8
−
%
VPOS
vertical position
−±11.5 −
%
VLIN
vertical linearity (S-correction)
−2
−−46
%
VLINBAL
vertical linearity balance
−±1.25 −
%
VHSIZE
horizontal size voltage
0.13
−
3.6
V
VHPIN
horizontal pincushion voltage (EW parabola)
0.04
−
1.42
V
VHEHT
horizontal size modulation voltage
0.02
−
0.69
V
VHTRAP
horizontal trapezium correction
−±0.5
−
V
VHCORT
horizontal corner correction at top of picture
−0.64 −
+0.2
V
VHCORB
horizontal corner correction at bottom of picture
−0.64 −
+0.2
V
HPOS
horizontal position
−±13
−
%
HPARAL
horizontal parallelogram
−±1.5
−
%
HPINBAL
EW pin unbalance
−±1.5
−
%
Tamb
ambient temperature
−20
−
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4841PS
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com