Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 10Page - NXP Semiconductors TDA4841 Datasheet HTML 11Page - NXP Semiconductors TDA4841 Datasheet HTML 12Page - NXP Semiconductors TDA4841 Datasheet HTML 13Page - NXP Semiconductors TDA4841 Datasheet HTML 14Page - NXP Semiconductors TDA4841 Datasheet HTML 15Page - NXP Semiconductors TDA4841 Datasheet HTML 16Page - NXP Semiconductors TDA4841 Datasheet HTML 17Page - NXP Semiconductors TDA4841 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
1999 Oct 25
14
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); all voltages measured with respect to ground.
Notes
1. Machine model: 200 pF; 0.75
µH; 10 Ω.
2. Human body model: 100 pF; 7.5
µH; 1500 Ω.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“URF-4-2-59/601”; EMC emission/immunity test in accordance with “DIS 1000 4.6” (IEC 801.6).
Note
1. Tests are performed with application reference board. Tests with other boards will have different results.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+16
V
Vi(n)
input voltage
pin BIN
−0.5
+6.0
V
pins HSYNC, VSYNC, VREF, HREF, VSMOD and
HSMOD
−0.5
+6.5
V
pins SDA and SCL
−0.5
+8.0
V
pin XRAY
−0.5
+8.0
V
Vo(n)
output voltage
pins VOUT2, VOUT1 and HUNLOCK
−0.5
+6.5
V
pins BDRV and HDRV
−0.5
+16
V
VI/O(n)
input/output voltages at pins BOP and BSENS
−0.5
+6.0
V
Io(HDRV)
horizontal driver output current
−
100
mA
Ii(HFLB)
horizontal flyback input current
−10
+10
mA
Io(CLBL)
video clamping pulse/vertical blanking output current
−−10
mA
Io(BOP)
B+ control OTA output current
−
1mA
Io(BDRV)
B+ control driver output current
−
50
mA
Io(EWDRV)
EW driver output current
−−5mA
Io(FOCUS)
focus driver output current
−−5mA
Tamb
ambient temperature
−20
+70
°C
Tj
junction temperature
−
150
°C
Tstg
storage temperature
−55
+150
°C
Vesd
electrostatic discharge for all pins
note 1
−150
+150
V
note 2
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
55
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VEMC
emission test
note 1
−
1.5
−
mV
immunity test
note 1
−
2.0
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com