Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 32Page - NXP Semiconductors TDA4841 Datasheet HTML 33Page - NXP Semiconductors TDA4841 Datasheet HTML 34Page - NXP Semiconductors TDA4841 Datasheet HTML 35Page - NXP Semiconductors TDA4841 Datasheet HTML 36Page - NXP Semiconductors TDA4841 Datasheet HTML 37Page - NXP Semiconductors TDA4841 Datasheet HTML 38Page - NXP Semiconductors TDA4841 Datasheet HTML 39Page - NXP Semiconductors TDA4841 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
List of I2C-bus controlled functions
I2C-bus data can be transmitted in direct or buffered mode and is defined by the MSB of the register subaddress:
• SAD1 is the register subaddress to be used for transmissions in direct mode
• SAD2 is the register subaddress to be used for transmissions in buffered mode.
Table 6
Controlled functions; notes 1 and 2
FUNCTION
NAME
BITS
SAD1
(HEX)
SAD2
(HEX)
REGISTER ASSIGNMENT
CTRL
BIT
RANGE
FUNCTION
TRACKS WITH
D7 D6 D5 D4 D3 D2 D1 D0
Horizontal size
HSIZE
8
01
81
D7 D6 D5 D4 D3 D2 D1 D0
−
0.1 to 3.6 V
−
Horizontal position
HPOS
8
07
87
D7 D6 D5 D4 D3 D2 D1 D0
−±13% of horizontal
period
−
Horizontal pincushion
HPIN
6
0F
8F
X
#
D5 D4 D3 D2 D1 D0
−
0 to 1.42 V
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Horizontal trapezium
correction
HTRAP
6
03
83
X
X
D5 D4 D3 D2 D1 D0
−±500 mV (p-p)
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Horizontal corner
correction at top of
picture
HCORT
6
04
84
X
#
D5 D4 D3 D2 D1 D0
VSC
+15 to
−46% of
parabola amplitude
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Horizontal corner
correction at bottom
of picture
HCORB
6
02
82
X
#
D5 D4 D3 D2 D1 D0
VSC
+15 to
−46% of
parabola amplitude
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Horizontal
parallelogram
HPARAL
6
09
89
#
#
D5 D4 D3 D2 D1 D0
ACD
±1.2% of horizontal
period
VSIZE, VOVSCN
and VPOS
EW pin balance
HPINBAL
6
0B
8B
#
#
D5 D4 D3 D2 D1 D0
ACD
±1.2% of horizontal
period
VSIZE, VOVSCN
and VPOS
Vertical size
VSIZE
7
08
88
#
D6 D5 D4 D3 D2 D1 D0
−
60 to 100%
VSMOD
Vertical position
VPOS
7
0D
8D
X
D6 D5 D4 D3 D2 D1 D0
−±11.5%
VSMOD
Vertical gain
VGAIN
6
0A
8A
X
#
D5 D4 D3 D2 D1 D0
70 to 100%
−
Vertical offset
VOFFS
4
0E
8E
####
D3 D2 D1 D0
±4%
−
Vertical linearity
VLIN
4
05
85
D7 D6 D5 D4
####
VSC
−2to −46%
VSIZE, VOVSCN,
VPOS and VSMOD
Vertical linearity
balance
VLINBAL
4
05
85
####
D3 D2 D1 D0
−±1.4% of 100%
vertical size
VSIZE, VOVSCN,
VPOS and VSMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com