Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA4841
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA4841 Datasheet HTML 17Page - NXP Semiconductors TDA4841 Datasheet HTML 18Page - NXP Semiconductors TDA4841 Datasheet HTML 19Page - NXP Semiconductors TDA4841 Datasheet HTML 20Page - NXP Semiconductors TDA4841 Datasheet HTML 21Page - NXP Semiconductors TDA4841 Datasheet HTML 22Page - NXP Semiconductors TDA4841 Datasheet HTML 23Page - NXP Semiconductors TDA4841 Datasheet HTML 24Page - NXP Semiconductors TDA4841 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
1999 Oct 25
21
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
ADJUSTMENT OF VERTICAL POSITION; see Figs 3 to 7
VOFFS
vertical position (referenced to
100% vertical size)
register VOFFS = 0
−−4
−
%
register VOFFS = 15
−
4
−
%
register VOFFS = 8
−
0.25
−
%
VPOS
vertical position (referenced to
100% vertical size)
register VPOS = 0
−−11.5
−
%
register VPOS = 127
−
11.5
−
%
register VPOS = 64
−
0.09
−
%
ADJUSTMENT OF VERTICAL LINEARITY; see Figs 6 and 27
VLIN
vertical linearity (S-correction)
register VLIN = 0; control
bit VSC = 0; note 8
−
2
−
%
register VLIN = 15; control
bit VSC = 0; note 8
−
46
−
%
register VLIN = X; control
bit VSC = 1; note 8
−
0
−
%
δVLIN
symmetry error of S-correction
maximum VLIN
−−±0.7
%
ADJUSTMENT OF VERTICAL LINEARITY BALANCE; see Fig.7
VLINBAL
vertical linearity balance
(referenced to 100% vertical
size)
register VLINBAL = 0;
note 8
−1.85
−1.40
−0.95
%
register VLINBAL = 15;
note 8
0.95
1.40
1.85
%
register VLINBAL = 8;
note 8
−
0.08
−
%
VMOIRE
modulation of vertical picture
position by 1
⁄2 vertical
frequency (related to 100%
vertical size)
register VMOIRE = 0;
control bit MOD = 0
−
0
−
%
register VMOIRE = 63;
control bit MOD = 0
−
0.03
−
%
moire cancellation off
control bit MOD = 1
−
0
−
%
Vertical output stage: pin VOUT1 and VOUT2; see Fig.27
∆I
VOUT(nom)(p-p)
nominal differential output
current (peak-to-peak value)
∆IVOUT =IVOUT1 − IVOUT2;
nominal settings; note 8
0.76
0.85
0.94
mA
Io(VOUT)(max)
maximum output current at
pins VOUT1 and VOUT2
control bit VOVSCN = 1
0.54
0.6
0.66
mA
VVOUT
allowed voltage at outputs
0
−
4.2
V
E(offset)(max)(V)
maximum offset error of vertical
output currents
nominal settings; note 8
−−±2.5
%
LEV(max)
maximum linearity error of
vertical output currents
nominal settings; note 8
−−±1.5
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com