Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 15 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 11Page - Texas Instruments AMC0136 Datasheet HTML 12Page - Texas Instruments AMC0136 Datasheet HTML 13Page - Texas Instruments AMC0136 Datasheet HTML 14Page - Texas Instruments AMC0136 Datasheet HTML 15Page - Texas Instruments AMC0136 Datasheet HTML 16Page - Texas Instruments AMC0136 Datasheet HTML 17Page - Texas Instruments AMC0136 Datasheet HTML 18Page - Texas Instruments AMC0136 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
7.2.4 Bitstream Filtering
The modulator generates a bitstream that is processed by a digital filter to obtain a digital word similar to a
conversion result of a conventional analog-to-digital converter (ADC). Equation 2 shows a sinc3-type filter, which
is a very simple filter built with minimal effort and hardware.
3
OSR
1
1
z
H z
1
z
§
·
¨
¸
¨
¸
©
¹
(2)
This filter provides the best output performance at the lowest hardware size (count of digital gates) for a second-
order modulator. All characterization in this document is also done with a sinc3 filter with an oversampling ratio
(OSR) of 256 and a 16-bit output word width.
The Combining the ADS1202 with an FPGA Digital Filter for Current Measurement in Motor Control Applications
application note discusses an example code. Use this example code for implementing a sinc3 filter in an FPGA.
This application note is available for download at www.ti.com.
For modulator output bitstream filtering, use a device from TI's C2000 or Sitara microcontroller families. These
families support multichannel dedicated hardwired filter structures that significantly simplify system level design
by offering two filtering paths per channel. One path provides high-accuracy results for the control loop and the
other provides a fast-response path for overcurrent detection.
A delta sigma modulator filter calculator is available for download at www.ti.com that aids in the filter design
and correct OSR and filter order selection. This calculator helps achieve the desired output resolution and filter
response time.
7.3 Best Design Practices
Place a capacitor at the input of the device (from IN to AGND) to filter the input signal; see the Input Filter Design
section. Do not leave the input of the AMC0136 unconnected (floating) when the device is powered up. If the
modulator input is left floating, the output bitstream is not valid.
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com