Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 8Page - Texas Instruments AMC0136 Datasheet HTML 9Page - Texas Instruments AMC0136 Datasheet HTML 10Page - Texas Instruments AMC0136 Datasheet HTML 11Page - Texas Instruments AMC0136 Datasheet HTML 12Page - Texas Instruments AMC0136 Datasheet HTML 13Page - Texas Instruments AMC0136 Datasheet HTML 14Page - Texas Instruments AMC0136 Datasheet HTML 15Page - Texas Instruments AMC0136 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
6.3.4.2 Output Behavior in Case of a Missing High-Side Supply
As shown in Figure 6-5, the device provides a constant bitstream of logic 0's at the output if the high-side supply
is missing. DOUT is permanently low when the high-side supply is missing. A one is not generated every 128
clock pulses, which differentiates this condition from a valid negative full-scale input. This feature helps identify
high-side power-supply problems on the board.
CLKIN
DOUT
AVDD
Data valid
Data valid
0
Figure 6-5. Output of the AMC0136 in Case of a Missing High-Side Supply
6.4 Device Functional Modes
The AMC0136 operates in one of the following states:
• OFF-state: The low-side of the device (AVDD) is not supplied. The device is not responsive and DOUT is in
high-impedance state. Internally, DOUT is clamped to DVDD and DGND by ESD protection diodes.
• Missing high-side supply: DVDD is supplied within the Recommended Operating Conditions. VAVDD is below
the AVDDUV threshold. The device outputs a constant bitstream of logic 0's, as described in the Output
Behavior in Case of a Missing High-Side Supply section.
• Input voltage range violation (full-scale input): VAVDD and VDVDD are supplied within the respective
recommended operating conditions but the input voltage VIN exceeds the clipping voltage (|VIN| > |VClipping|).
The device outputs a fixed pattern, as described in the Output Behavior in Case of a Missing High-Side
Supply section.
• Normal operation: VAVDD, VDVDD, and VIN are within the recommended operating conditions. The device
outputs a digital bitstream as explained in the Digital Output section.
Table 6-1. Device Operational Modes
OPERATING
CONDITION
VDVDD
VAVDD
VCM
(VINP + VINN) / 2
VIN
(VINP – VINN)
DEVICE
RESPONSE
OFF
VDVDD < DVDDUV
Don't care
Don't care
Don't care
DOUT is in a Hi-Z state.
DOUT is clamped to DVDD
and DGND by ESD protection
diodes.
Missing high-side
supply
Valid(1)
VAVDD < AVDDUV
Don't care
Don't care
DOUT is constantly low.
Input voltage range
violation
Valid(1)
Valid(1)
Valid(1)
|VIN| > VClipping
The device outputs a single 1
or a single 0 every 128th clock
cycle
Normal operation
Valid(1)
Valid(1)
Valid(1)
Valid(1)
Normal operation.
(1)
Valid means within recommended operating conditions.
AMC0136
SBASAZ0 – AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com