Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 10Page - Texas Instruments AMC0136 Datasheet HTML 11Page - Texas Instruments AMC0136 Datasheet HTML 12Page - Texas Instruments AMC0136 Datasheet HTML 13Page - Texas Instruments AMC0136 Datasheet HTML 14Page - Texas Instruments AMC0136 Datasheet HTML 15Page - Texas Instruments AMC0136 Datasheet HTML 16Page - Texas Instruments AMC0136 Datasheet HTML 17Page - Texas Instruments AMC0136 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
7.2.1 Design Requirements
Table 7-1 lists the parameters for this typical application.
Table 7-1. Design Requirements
PARAMETER
VALUE
Nominal DC link voltage
48V
Linear voltage sensing range (VFSR)
60V
Voltage drop across the sensing resistor (R2) for a linear response
1V
Maximum current through the resistive divider, ICROSS, at linear full-scale
voltage
100µA
7.2.2 Detailed Design Procedure
The 100μA cross-current requirement at the maximum system voltage (60V) determines that the total
impedance of the resistive divider is 600kΩ. The impedance of the resistive divider is dominated by R1, thus
neglecting the voltage drop across R2 for a moment is acceptable. The closest value to 600kΩ from the E96
series is 604kΩ. This value is for R1.
The linear full-scale input voltage (VFSR) of the AMC0136 is 1V. R2 is sized to produce a 1V drop at the
maximum system voltage of 60V. R2 is calculated as R2 = VFSR / (VDC-link, max – VFSR) × R1. The resulting value
is 10.24kΩ and the closest value from the E96 series is 10.2kΩ.
Table 7-2 summarizes the design parameters for this application.
Table 7-2. Design Summary
PARAMETER
VALUE
R1 resistor
604kΩ
Sense resistor value (RSNS)
10.2kΩ
Resulting current through resistive divider (ICROSS at 60V)
97.7μA
Resulting full-scale voltage drop across sense resistor (RSNS)
996mV
Total power dissipated in resistive divider
5.9mW
7.2.3 Input Filter Design
Place a RC filter in front of the isolated amplifier to improve signal-to-noise performance of the signal path. Input
noise with a frequency close to the ΔΣ modulator sampling frequency (typically 10MHz) is folded back into the
low-frequency range by the modulator. The purpose of the RC filter at the input is to attenuate high-frequency
noise below the desired noise level of the measurment. In pactice, a cutoff frequency that is two orders of
magnitude lower than the modulator frequency yields good results.
Most voltage-sensing applications use high-impedance resistive dividers in front of the isolated modulator to
scale down the input voltage. In this case, a single capacitor (as shown in Figure 7-2) is sufficient to filter the
input signal. Assuming a 10kΩ sensing resistor (R2), a 100pF filter capacitor yields in a 160kHz cutoff frequency.
AVDD
AGND
IN
AGND
DVDD
CLKIN
DOUT
DGND
R1
VAC
R2
100 pF
Figure 7-2. Input Filter
AMC0136
SBASAZ0 – AUGUST 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com