Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 5Page - Texas Instruments AMC0136 Datasheet HTML 6Page - Texas Instruments AMC0136 Datasheet HTML 7Page - Texas Instruments AMC0136 Datasheet HTML 8Page - Texas Instruments AMC0136 Datasheet HTML 9Page - Texas Instruments AMC0136 Datasheet HTML 10Page - Texas Instruments AMC0136 Datasheet HTML 11Page - Texas Instruments AMC0136 Datasheet HTML 12Page - Texas Instruments AMC0136 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
6 Detailed Description
6.1 Overview
The AMC0136 is a precision, single-ended input, isolated amplifier with a high input-impedance and wide
input voltage range. The bufffered input stage of the device drives a second-order, CMOS, delta-sigma (ΔΣ)
modulator. The isolated output of the converter (DOUT) provides a stream of digital ones and zeros synchronous
to the external clock applied to the CLKIN pin. The time average of this serial output is proportional to the analog
input voltage.
The modulator shifts the quantization noise to high frequencies. Therefore, use a digital low-pass digital filter,
such as a sinc filter at the device output to increase overall performance. This filter also converts from the
1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). Use a
microcontroller (μC) or field-programmable gate array (FPGA) to implement the filter.
The overall performance (speed and resolution) depends on the selection of an appropriate oversampling ratio
(OSR) and filter type. A higher OSR results in higher resolution while operating at a lower refresh rate. A lower
OSR results in lower resolution, but provides data at a higher refresh rate. Multiple filters can run in parallel.
For example, a low OSR filter for fast overvoltage detection and a high OSR filter for high resolution voltage
measurement.
The silicon-dioxide (SiO2) based capacitive isolation barrier supports a high level of magnetic field immunity;
see the ISO72x Digital Isolator Magnetic-Field Immunity application note. The AMC0136 uses an on-off keying
(OOK) modulation scheme to transmit data across the isolation barrier. This modulation and the isolation barrier
characteristics, result in high reliability in noisy environments and high common-mode transient immunity.
6.2 Functional Block Diagram
DVDD
DOUT
DGND
AGND
IN
AGND
AVDD
CLKOUT
Modulator
Digital
Interface
6.3 Feature Description
6.3.1 Analog Input
The single-ended, high-impedance input stage of the AMC0136 feeds a second-order, switched-capacitor, feed-
forward ΔΣ modulator. The modulator converts the analog signal into a bitstream that is transferred across the
isolation barrier, as described in the Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signal IN. First, if the input voltage VIN exceeds the range specified
in the Absolute Maximum Ratings table, limit the input current to the absolute maximum value because the
electrostatic discharge (ESD) protection turns on. Secondly, the linearity and parametric performance of the
device is specified only when the analog input voltage remains within the linear full-scale range (VFSR). See the
Recommended Operating Conditions table.
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com