Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 3Page - Texas Instruments AMC0136 Datasheet HTML 4Page - Texas Instruments AMC0136 Datasheet HTML 5Page - Texas Instruments AMC0136 Datasheet HTML 6Page - Texas Instruments AMC0136 Datasheet HTML 7Page - Texas Instruments AMC0136 Datasheet HTML 8Page - Texas Instruments AMC0136 Datasheet HTML 9Page - Texas Instruments AMC0136 Datasheet HTML 10Page - Texas Instruments AMC0136 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
5.6 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, AVDD = 3.0V to 5.5V, DVDD = 2.7V to 5.5V, and
VIN = –1V to +1V; typical specifications are at TA = 25°C, AVDD = 5V, DVDD = 3.3V, and fCLKIN = 10MHz (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
CIN
Input capacitance
fCLKIN = 10MHz
2
pF
RIN
Input resistance
0.1
1.15
GΩ
IIB
Input bias current
IN = AGND
–10
±3
10
nA
CMTI
Common-mode transient immunity
150
V/ns
DC ACCURACY
EO
Offset error
TA = 25°C, IN = AGND
–0.9
±0.08
0.9
mV
TCEO
Offset error temperature drift(3)
–7
3.5
7
µV/°C
EG
Gain error(1)
Initial, at TA = 25°C,
VIN = 1V or VIN = –1V
–0.25
±0.02
0.25
%
TCEG
Gain error temperature drift(4)
–40
±10
40
ppm/°C
INL
Integral nonlinearity(2)
Resolution: 16 bits
–4
±1.6
7
LSB
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
PSRR
Power-supply rejection ratio
AVDD DC PSRR, IN = AGND,
AVDD from 3.0V to 5.5V
–85
dB
AVDD AC PSRR, IN = AGND,
AVDD with10kHz / 100 mV ripple
–83
AC ACCURACY
SNR
Signal-to-noise ratio
VIN = 2 VPP, fIN = 1kHz
86
89
dB
SINAD
Signal-to-noise + distortion
VIN = 2 VPP, fIN = 1 kHz
76
86
dB
THD
Total harmonic distortion
VIN = 2 VPP, fIN = 1kHz
–88
–77
dB
DIGITAL INPUT (CMOS Logic With Schmitt-Trigger)
IIN
Input current
DGND ≤ VIN ≤ DVDD
7
µA
CIN
Input capacitance
4
pF
VIH
High-level input voltage
0.7 x DVDD
DVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 x DVDD
V
DIGITAL OUTPUT (CMOS)
CLOAD
Output load capacitance
fCLKIN = 10MHz
15
30
pF
VOH
High-level output voltage
IOH = –4 mA
DVDD – 0.4
V
VOL
Low-level output voltage
IOL = 4mA
0.4
V
POWER SUPPLY
IAVDD
High-side supply current
5.3
7
mA
IDVDD
Low-side supply current
CLOAD = 15 pF
3.6
5
mA
AVDDUV
High-side undervoltage detection
threshold
AVDD rising
2.3
2.55
2.75
V
AVDD falling
2.15
2.35
2.55
DVDDUV
Low-side undervoltage detection
threshold
DVDD rising
2.3
2.55
2.75
V
DVDD falling
2.15
2.35
2.55
(1)
The typical value includes one sigma statistical variation.
(2)
Integral nonlinearity is defined as the maximum deviation from a straight line passing through the end-points of the ideal ADC transfer
function expressed as number of LSBs or as a percent of the specified linear full-scale range FSR.
(3)
Offset error drift is calculated using the box method, as described by the following equation:
TCEO = (valueMAX - valueMIN) / TempRange
(4)
Gain error drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = ((valueMAX - valueMIN) / (value x TempRange)) X 106
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com