Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 5 Page - Texas Instruments

  AMC0136 Datasheet HTML 1Page - Texas Instruments AMC0136 Datasheet HTML 2Page - Texas Instruments AMC0136 Datasheet HTML 3Page - Texas Instruments AMC0136 Datasheet HTML 4Page - Texas Instruments AMC0136 Datasheet HTML 5Page - Texas Instruments AMC0136 Datasheet HTML 6Page - Texas Instruments AMC0136 Datasheet HTML 7Page - Texas Instruments AMC0136 Datasheet HTML 8Page - Texas Instruments AMC0136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
AVDD
Hgh-side power supply
AVDD to AGND
3
5.0
5.5
V
DVDD
Low-side power supply
DVDD to DGND
2.7
3.3
5.5
V
ANALOG INPUT
VClipping
Input voltage before clipping output
±1.25
V
VFSR
Specified linear differential input voltage
VIN = VINP – VINN
–1
1
V
CIN, EXT
Minimum external capacitance connected to the
input
from INP to INN
10
nF
DIGITAL I/O
VIO
Digital input/output voltage
0
DVDD
V
fCLKIN
Input clock frequency
5
10
11
MHz
tHIGH
Input clock high time
21.5
50
110
ns
tLOW
Input clock low time
21.5
50
110
ns
ISOLATION BARRIER
VIOWM
Functional isolation working voltage(1)
AC voltage (sine wave)
200
VRMS
DC voltage
280
VDC
TEMPERATURE RANGE
TA
Specified ambient temperature
–40
125
°C
(1)
Common-mode from left-side (pins1-4) to right-side (pins5-8) of the package.
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com