Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 12Page - Texas Instruments AMC0136 Datasheet HTML 13Page - Texas Instruments AMC0136 Datasheet HTML 14Page - Texas Instruments AMC0136 Datasheet HTML 15Page - Texas Instruments AMC0136 Datasheet HTML 16Page - Texas Instruments AMC0136 Datasheet HTML 17Page - Texas Instruments AMC0136 Datasheet HTML 18Page - Texas Instruments AMC0136 Datasheet HTML 19Page - Texas Instruments AMC0136 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
7.4 Power Supply Recommendations
The AMC0136 does not require any specific power-up sequence. The high-side power supply (AVDD) is
decoupled with a low-ESR, 100nF capacitor (C1) parallel to a low-ESR, 1μF capacitor (C2). The low-side power
supply (DVDD) is equally decoupled with a low-ESR, 100nF capacitor (C3) parallel to a low-ESR, 1μF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible. Figure 7-3 shows a
decoupling diagram for the AMC0136.
R3 49.9
from MCU
DVDD
to MCU
C4 1 µF
C3 100 nF
AVDD
AGND
IN
AGND
DVDD
CLKIN
DOUT
DGND
R1
VAC
C2 1 µF
C1 100 nF
R2
C5 100 pF
AVDD
Figure 7-3. Decoupling of the AMC0136
Capacitors have to provide adequate effective capacitance under the applicable DC bias conditions experienced
in the application. Multilayer ceramic capacitors (MLCC) typically exhibit only a fraction of the nominal
capacitance under real-world conditions. Take this factor into consideration when selecting these capacitors.
This problem is especially acute in low-profile capacitors, in which the dielectric field strength is higher than in
taller components. Reputable capacitor manufacturers provide capacitance versus DC bias curves that greatly
simplify component selection.
7.5 Layout
7.5.1 Layout Guidelines
The Layout Example section provides a layout recommendation with the critical placement of the decoupling
capacitors (as close as possible to the AMC0136 supply pins). This section also depicts the placement of other
components required by the device. For best performance, place the sense resistor close to the device input pin
IN.
7.5.2 Layout Example
Top Metal
Inner or Bottom Layer Metal
Via
C2
C1
CLKIN (from MCU)
to MCU
DOUT
IN
VAC
DVDD
AGND
DGND
AVDD
Clearance area, keep free of
any conductive materials
R3
C3
C4
Figure 7-4. Recommended Layout of the AMC0136
AMC0136
SBASAZ0 – AUGUST 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com