Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 3 Page - Texas Instruments

  AMC0136 Datasheet HTML 1Page - Texas Instruments AMC0136 Datasheet HTML 2Page - Texas Instruments AMC0136 Datasheet HTML 3Page - Texas Instruments AMC0136 Datasheet HTML 4Page - Texas Instruments AMC0136 Datasheet HTML 5Page - Texas Instruments AMC0136 Datasheet HTML 6Page - Texas Instruments AMC0136 Datasheet HTML 7Page - Texas Instruments AMC0136 Datasheet HTML 8Page - Texas Instruments AMC0136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
Not to scale
1
2
3
4
5
6
7
8
9
10
AVDD
IN
AGND
AGND
DVDD
CLKIN
DGND
DOUT
Figure 4-1. DEN Package, 8-Pin VSON (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
AVDD
High-side power
Analog (high-side) power supply.(1)
2
IN
Analog input
Analog input. Connect a 10nF filter capacitor from IN to AGND.
3
AGND
High-side ground
Analog (high-side) ground.
4, 9(2)
AGND
High-side ground
Analog (high-side) ground.
5, 10(2)
DGND
Low-side ground
Digital (low-side) ground.
6
DOUT
Digital output
Modulator data output.
7
CLKIN
Digital input
Modulator clock input with internal pulldown resistor (typical value: 1.5MΩ).
8
DVDD
Low-side power
Digital (low-side) power supply.(1)
(1)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
(2)
Both pins are connected internally via a low-impedance path.
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com