Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0136 Datasheet(HTML) 1 Page - Texas Instruments

  AMC0136 Datasheet HTML 1Page - Texas Instruments AMC0136 Datasheet HTML 2Page - Texas Instruments AMC0136 Datasheet HTML 3Page - Texas Instruments AMC0136 Datasheet HTML 4Page - Texas Instruments AMC0136 Datasheet HTML 5Page - Texas Instruments AMC0136 Datasheet HTML 6Page - Texas Instruments AMC0136 Datasheet HTML 7Page - Texas Instruments AMC0136 Datasheet HTML 8Page - Texas Instruments AMC0136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AMC0136 Precision, ±1V Input, Functionally Isolated,
Delta-Sigma Modulator With External Clock
1 Features
• Linear input voltage range: ±1V
• High input impedance: 1.1GΩ (typ)
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±0.9mV (max)
– Offset drift: ±7µV/°C (max)
– Gain error: ±0.25% (max)
– Gain drift: ±40ppm/°C (max)
• High CMTI: 150V/ns (min)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Functional Isolation:
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient overvoltage (60s)
• Fully specified over extended industrial
temperature range: –40°C to +125°C
2 Applications
• 48V motor drives
• 48V frequency inverters
• Analog input modules
• Power supplies
3 Description
The AMC0136 is a precision, functionally isolated,
delta-sigma modulator with a high-impedance input
and a ±1V input voltage range. The isolation barrier
separates parts of the system that operate on different
common-mode voltage levels. The isolation barrier
supports a working voltage up to 200VRMS / 280VDC
and transient overvoltages up to 570VRMS / 800VDC.
With a small package size and high input impedance,
the AMC0136 is designed for high accuracy, isolated
voltage sensing in space-constrained applications.
The galvanic isolation barrier supports high common-
mode transients and allows for isolating sensitive
control circuitry from switching noise from the power
stage.
The output bitstream of the AMC0136 is synchronized
to an external clock. Combined with a sinc3, OSR 256
filter, the device achieves 16 bits of resolution with an
89dB dynamic range and a 39kSPS data rate.
The AMC0136 is available in an 8-pin, 0.65mm pitch
VSON package and is specified over the extended
industrial temperature range of –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC0136
DEN (VSON, 8)
3.5mm × 2.7mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
DVDD
Low-side supply
(3.3 V or 5 V)
CLKIN
DOUT
DGND
AGND
IN
AGND
AVDD
High-side supply
(3.3 V or 5 V)
ISO
-ADC
MCU
VAC
+1 V
0 V
–1 V
Typical Application Schematic
AMC0136
SBASAZ0 – AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - AMC0136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0136 TI-AMC0136 Datasheet
1Mb / 34P
AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
DECEMBER 2024
AMC0136DENR TI-AMC0136DENR Datasheet
1Mb / 34P
AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
DECEMBER 2024
AMC0136 TI-AMC0136_V01 Datasheet
1Mb / 34P
AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
DECEMBER 2024
More results

Similar Description - AMC0136

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com