Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 49Page - STMicroelectronics SMC032BFY6 Datasheet HTML 50Page - STMicroelectronics SMC032BFY6 Datasheet HTML 51Page - STMicroelectronics SMC032BFY6 Datasheet HTML 52Page - STMicroelectronics SMC032BFY6 Datasheet HTML 53Page - STMicroelectronics SMC032BFY6 Datasheet HTML 54Page - STMicroelectronics SMC032BFY6 Datasheet HTML 55Page - STMicroelectronics SMC032BFY6 Datasheet HTML 56Page - STMicroelectronics SMC032BFY6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
SMCxxxBF
CF-ATA registers
53/91
9.9.8
Bit 0 (ERR)
This bit is set when the previous command has ended in some type of error. The bits in the
Error register contain additional information describing the error. In case of read or write
access commands that end with an error, the address of the first sector with an error is in
the command block registers. This bit is cleared by the next command.
9.10
Device Control Register
The Device COntrol register is located at address 3F6h [376h], offset Eh.
This Write-only register is used to control the CompactFlash Memory Card interrupt request
and to issue an ATA soft reset to the Card. This register can be written even if the device is
BUSY. The bits are defined as follows:
9.10.1
Bit 7 to 3
Don’t care. The host should reset this bit to ‘0’.
9.10.2
Bit 2 (SW Rst)
This bit is set to 1 in order to force the CompactFlash Storage Card to perform an AT Disk
controller Soft Reset operation. This clears Status Register and writes Diagnostic Code in
Error register after a Write or Read Sector error. The Card remains in Reset until this bit is
reset to ‘0.’
9.10.3
Bit 1 (–IEn)
When the Interrupt Enable bit is set to ‘0’, –IREQ interrupts are enabled. When the bit is set
to ‘1’, interrupts from the Card are disabled. This bit also controls the Int bit in the Card
Configuration and Status Register. It is set to ‘0’ at Power On.
9.10.4
Bit 0
This bit is set to ‘0’.
Table 45.
Status & Alternate Status Register
D7
D6
D5
D4
D3
D2
D1
D0
BUSY
RDY
DWF
DSC
DRQ
CORR
0
ERR
Table 46.
Device Control Register
D7
D6
D5
D4
D3
D2
D1
D0
X(0)
X(0)
X(0)
X(0)
X(0)
SW Rst
–IEn
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com