Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 19Page - STMicroelectronics SMC032BFY6 Datasheet HTML 20Page - STMicroelectronics SMC032BFY6 Datasheet HTML 21Page - STMicroelectronics SMC032BFY6 Datasheet HTML 22Page - STMicroelectronics SMC032BFY6 Datasheet HTML 23Page - STMicroelectronics SMC032BFY6 Datasheet HTML 24Page - STMicroelectronics SMC032BFY6 Datasheet HTML 25Page - STMicroelectronics SMC032BFY6 Datasheet HTML 26Page - STMicroelectronics SMC032BFY6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
SMCxxxBF
Electrical interface
23/91
4.4
Additional requirements for CompactFlash Advanced Timing
mode
When operating in a CompactFlash Advanced timing mode, the following conditions must be
respected:
Only one CompactFlash Card must be connected to the CompactFlash bus.
The load capacitance (cable included) for all signals must be lower than 40pF.
The cable length must be lower than 0.15m (6inches). The cable length is measured
from the Card connector to the host controller. 0.46m (18inches) cables are not
supported.
Table 13.
Input Characteristics
Type
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
VCC = 3.3V
VCC = 5.0V
1
Input Voltage
CMOS
VIH
2.4
3.3
V
VIL
0.6
0.8
2
Input Voltage
CMOS
VIH
1.5
2.0
V
VIL
0.6
0.8
3
Input Voltage
CMOS
Schmitt Trigger
VTH
1.8
2.8
V
VTL
1.0
2.0
Table 14.
Output Drive Type(1)
1.
x refers to the characteristics described in Table 15 For example, OT3 refers to totem pole output with a
type 3 output drive characteristic.
Type
Output Type
Valid Conditions
OTx
Totempole
IOH & IOL
OZx
Tri-State N-P Channel
IOH & IOL
OPx
P-Channel Only
IOH Only
ONx
N-Channel Only
IOL Only
Table 15.
Output Drive Characteristics
Type
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
1
Output Voltage
VOH
IOH = -4mA
VCC − 0.8V
V
VOL
IOL = 4mA
Gnd + 0.4V
2
Output Voltage
VOH
IOH = -4mA
VCC − 0.8V
V
VOL
IOL = 4mA
Gnd + 0.4V
3
Output Voltage
VOH
IOH = -4mA
VCC − 0.8V
V
VOL
IOL = 4mA
Gnd + 0.4V
X
Tri-State
Leakage Current
IOZ
VOL = Gnd
–10
10
µA
VOH = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com