Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 25Page - STMicroelectronics SMC032BFY6 Datasheet HTML 26Page - STMicroelectronics SMC032BFY6 Datasheet HTML 27Page - STMicroelectronics SMC032BFY6 Datasheet HTML 28Page - STMicroelectronics SMC032BFY6 Datasheet HTML 29Page - STMicroelectronics SMC032BFY6 Datasheet HTML 30Page - STMicroelectronics SMC032BFY6 Datasheet HTML 31Page - STMicroelectronics SMC032BFY6 Datasheet HTML 32Page - STMicroelectronics SMC032BFY6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
SMCxxxBF
Command Interface
29/91
Figure 7.
I/O Write waveforms
1.
DIN signifies data provided by the system to the CompactFlash Memory Card.
2.
-IOIS16 and -INPACK are not supported in this mode.
3.
tdfIOIS16(A)
tAVISL
IOIS16 delay falling from
Address
35
ns
ns
tdrIOIS16(A)
tAVISH
IOIS16 delay rising from
Address
35
ns
ns
1.
ST CF does not assert the WAIT signal.
2.
-IOIS16 is not supported in this mode.
Table 21.
I/O Write timing(1)
Cycle Time Mode
250ns
120ns
100ns
80ns
Unit
Symbol
IEEE
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tsu(IOWR)
tQVIWH
Data Setup before IOWR
60
20
20
15
ns
th(IOWR)
tIWHQX
Data Hold following IOWR
30
10
5
5
ns
tw(IOWR)
tIWLIWH
IOWR Width Time
165
70
65
55
ns
tsuA(IOWR)
tAVIWL
Address Setup before IOWR
70
25
25
15
ns
thA(IOWR)
tIWHAX
Address Hold following IOWR
20
20
10
10
ns
tsuCE(IOWR)
tELIWL
CE Setup before IOWR
5
5
5
5
ns
Table 20.
I/O Read timing(1) (continued)
Cycle Time Mode
250ns
120ns
100ns
80ns
Unit
Symbol
IEEE
Symbol
Parameter
Min Max Min Max Min Max Min Max
AI10085b
Address Inputs
D0 to D15 (DIN)
VALID
–REG
–CE2/–CE1
–IOWR
tsuCE(IOWR)
tsuA(IOWR)
DIN VALID
–IOIS16
tsuREG(IOWR)
thA(IOWR)
thREG(IOWR)
thCE(IOWR)
tsu(IOWR)
tdrIOIS16(ADR)
tdfIOIS16(ADR)
th(IOWR)
tw(IOWR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com