Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 16Page - STMicroelectronics SMC032BFY6 Datasheet HTML 17Page - STMicroelectronics SMC032BFY6 Datasheet HTML 18Page - STMicroelectronics SMC032BFY6 Datasheet HTML 19Page - STMicroelectronics SMC032BFY6 Datasheet HTML 20Page - STMicroelectronics SMC032BFY6 Datasheet HTML 21Page - STMicroelectronics SMC032BFY6 Datasheet HTML 22Page - STMicroelectronics SMC032BFY6 Datasheet HTML 23Page - STMicroelectronics SMC032BFY6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
Electrical interface
SMCxxxBF
20/91
READY
(PC Card Memory Mode)
O37
Indicates whether the Card is busy (Low), or ready to
accept a new data transfer operation (High). The Host
socket must provide a pull-up resistor. At power up and
Reset, the READY signal is held Low until the commands
are completed. No access should be made during this time.
The READY signal is held High whenever the Card has
been powered up with RESET continuously disconnected or
asserted.
–IREQ
(PC Card I/O Mode)
Interrupt Request. It is strobed Low to generate a pulse
mode interrupt or held Low for a level mode interrupt.
INTRQ
(True IDE Mode)
Active High Interrupt Request to the host.
–REG
(PC Card Memory Mode)
I44
Used to distinguish between Common Memory and
Register (Attribute) Memory accesses. High for Common
Memory, Low for Attribute Memory.
–REG
(PC Card I/O Mode)
Must be Low during I/O Cycles when the I/O address is on
the Bus.
–DMACK
(True IDE Mode)
The –DMACK input signal is used to acknowledge DMA
transfers. It is asserted by the host in response to DMARQ
to initiate the transfer.
When DMA mode is disabled,
the Card should ignore the
-DMACK signal.
If the host does not support DMA mode, but only True IDE
mode, this signal should be driven High or tied to VCC by the
host.
RESET
(PC Card Memory Mode)
I41
Resets the Card (active High). The Card is Reset at power
up only if this pin is left High or unconnected.
RESET
(PC Card I/O Mode)
Same as PC Card Memory Mode.
–RESET
(True IDE Mode)
Hardware Reset from the host (active Low).
VCC
(PC Card Memory Mode)
13,38
+5V, +3.3V power.
VCC
(PC Card I/O Mode)
Same for all modes.
VCC
(True IDE Mode)
Same for all modes.
Table 9.
Signal Description (continued)
Signal Name
Dir.
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com