Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 68Page - STMicroelectronics SMC032BFY6 Datasheet HTML 69Page - STMicroelectronics SMC032BFY6 Datasheet HTML 70Page - STMicroelectronics SMC032BFY6 Datasheet HTML 71Page - STMicroelectronics SMC032BFY6 Datasheet HTML 72Page - STMicroelectronics SMC032BFY6 Datasheet HTML 73Page - STMicroelectronics SMC032BFY6 Datasheet HTML 74Page - STMicroelectronics SMC032BFY6 Datasheet HTML 75Page - STMicroelectronics SMC032BFY6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
CF-ATA command description
SMCxxxBF
72/91
10.16
Seek (7Xh)
This command is effectively a NOP command to the Card although it does perform a range
check of cylinder and head or LBA address and returns an error if the address is out of
range. Table 67 shows the Seek command Byte sequence.
10.17
Set Features (EFh)
This command is used by the host to establish or select certain features. Table 68 shows the
Set Features command Byte sequence. Table 69 defines all features that are supported.
●
Features 01h and 81h are used to enable and clear 8 bit data transfer modes in True
IDE Mode. If the 01h feature command is issued all data transfers will occur on the D7-
D0 data lines and the –IOIS16 signal will not be asserted for data register accesses.
The host must not enable this feature for DMA transfers.
●
Feature 03h allows the host to select the PIO or the Multi-Word DMA transfer mode.
The number of sectors to be transferred must be specified in the Sector Count register
(see Table 70 for values). The upper 5 bits define the type of transfer and the lower 3
bits encode the transfer mode. Only one PIO mode and one Multi-Word mode can be
selected at a time. The host can change the selected mode by issuing the Set Features
command.
●
Feature code 9Ah allows the host to configure the Card to best meet the host system
power requirements. The host programs the Sector Count register to a value that is
equal to one-fourth of the desired maximum average current (in mA) that the Card
should consume. For example, if the Sector Count register is set to ‘6’, the Card must
be configured to provide the best possible performance without exceeding 24 mA.
Upon completion of the command, the Card replies to the host with the range of values
that it supports. The minimum value is set in the Cylinder Low Register, and the
maximum value is set in the Cylinder Hi register. After power-up, the Card defaults to
operate at the highest performance and therefore in the highest current mode. Values
outside this programmable range are accepted by the card. However, the Card will
operate either at the lowest power or highest performance as appropriate.
Table 67.
Seek
Bit
7
6
5
4
3210
Command (7)
7Xh
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
X (LBA 7-0)
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com