Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 42Page - STMicroelectronics SMC032BFY6 Datasheet HTML 43Page - STMicroelectronics SMC032BFY6 Datasheet HTML 44Page - STMicroelectronics SMC032BFY6 Datasheet HTML 45Page - STMicroelectronics SMC032BFY6 Datasheet HTML 46Page - STMicroelectronics SMC032BFY6 Datasheet HTML 47Page - STMicroelectronics SMC032BFY6 Datasheet HTML 48Page - STMicroelectronics SMC032BFY6 Datasheet HTML 49Page - STMicroelectronics SMC032BFY6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
Software interface
SMCxxxBF
46/91
8.4
I/O Primary and Secondary Address Configurations
When the system decodes the Primary and Secondary Address Configurations, the
registers are accessed in the block of I/O space as shown in Table 39
As for the Memory Mapped Addressing, register 0 is accessed with –CE1 Low and –CE2
Low (and A0 don’t Care) as a Word register on the combined Odd and Even Data Bus (D15
to D0). This register may also be accessed with –CE1 Low and –CE2 High, by a pair of Byte
accesses to offset 0. The address space of this Word register overlaps the address space of
the Error and Feature Byte-wide registers at offset 1. When accessed twice as Byte register
with –CE1 Low, the first Byte is the even Byte of the Word and the second is the odd Byte. A
Byte access to register 0 with –CE1 High and –CE2 Low accesses the error (read) or
feature (write) register.
Table 39.
Primary and Secondary I/O Decoding
–
REG
A9 to
A4
A3
A2
A1
A0
–
IORD=0
–
IOWR=0
0
1F(17)h
0
0
0
0
Even Data Register
Even Data Register
0
1F(17)h
0
0
0
1
Error Register
Feature Register
0
1F(17)h
0
0
1
0
Sector Count Register
Sector Count Register
0
1F(17)h
0
0
1
1
Sector Number Register
Sector Number Register
0
1F(17)h
0
1
0
0
Cylinder Low Register
Cylinder Low Register
0
1F(17)h
0
1
0
1
Cylinder High Register
Cylinder High Register
0
1F(17)h
0
1
1
0
Select Card/Head Register
Select Card/Head Register
0
1F(17)h
0
1
1
1
Status Register
Command Register
0
3F(37)h
0
1
1
0
Alternate Status Register
Device Control Register
0
3F(37)h
0
1
1
1
Drive Address Register
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com