Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 60Page - STMicroelectronics SMC032BFY6 Datasheet HTML 61Page - STMicroelectronics SMC032BFY6 Datasheet HTML 62Page - STMicroelectronics SMC032BFY6 Datasheet HTML 63Page - STMicroelectronics SMC032BFY6 Datasheet HTML 64Page - STMicroelectronics SMC032BFY6 Datasheet HTML 65Page - STMicroelectronics SMC032BFY6 Datasheet HTML 66Page - STMicroelectronics SMC032BFY6 Datasheet HTML 67Page - STMicroelectronics SMC032BFY6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
CF-ATA command description
SMCxxxBF
64/91
10.5
Idle (97h or E3h)
This command causes the Card to set BSY, enter the Idle mode, clear BSY and generate an
interrupt. If the sector count is non-zero, it is interpreted as a timer count (each count is
5ms) and the automatic power down mode is enabled. If the sector count is zero, the
automatic power down mode is disabled. Note that this time base (5ms) is different from the
ATA specification. Table 55 defines the Byte sequence of the Idle command.
63
0407h
2
Multi-Word DMA transfer. In PCMCIA mode, this value is
‘0h’.
64
0003h
2
Advanced PIO modes supported
65
0050h
2
Minimum Multi-Word DMA transfer cycle time per Word. In
PCMCIA mode this value is ‘0h’.
66
0050h
2
Recommended Multi-Word DMA transfer cycle time. In
PCMCIA mode this value is ‘0h’.
67
0050h
2
Minimum PIO transfer cycle time without flow control
68
0050h
2
Minimum PIO transfer cycle time with IORDY flow control
69-128
0000h
120
Reserved
129-159
0000h
62
manufacturer unique Bytes
160-162
0000h
4
Reserved
163
0492h
2
CF Advanced True IDE Timing Mode Capability and Setting
164
001Bh
2
CF Advanced PCMCIA I/O and Memory Timing Mode
Capability
165-255
0000h
190
Reserved
Table 54.
Identify Drive Information (continued)
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
Table 55.
Idle
Bit
76543
210
Command (7)
97h or E3h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Timer Count (5ms increments)
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com