Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 45Page - STMicroelectronics SMC032BFY6 Datasheet HTML 46Page - STMicroelectronics SMC032BFY6 Datasheet HTML 47Page - STMicroelectronics SMC032BFY6 Datasheet HTML 48Page - STMicroelectronics SMC032BFY6 Datasheet HTML 49Page - STMicroelectronics SMC032BFY6 Datasheet HTML 50Page - STMicroelectronics SMC032BFY6 Datasheet HTML 51Page - STMicroelectronics SMC032BFY6 Datasheet HTML 52Page - STMicroelectronics SMC032BFY6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
SMCxxxBF
CF-ATA registers
49/91
9.2
Error Register
The Error register is a read-only register, located at address 1F1h [171h], offset 1h, 0Dh.
This read only register contains additional information about the source of an error when an
error is indicated in bit 0 of the Status register. The bits are defined in Table 43 This register
is accessed on data bits D15 to D8 during a write operation to offset 0 with –CE2 Low and –
CE1 High.
9.2.1
Bit 7 (BBK)
This bit is set when a Bad Block is detected.
9.2.2
Bit 6 (UNC)
This bit is set when an Uncorrectable Error is encountered.
9.2.3
Bit 5
This bit is ‘0’.
9.2.4
Bit 4 (IDNF)
This bit is set if the requested sector ID is in error or cannot be found.
9.2.5
Bit 3
This bit is ‘0’.
9.2.6
Bit 2 (Abort)
This bit is set if the command has been aborted because of a Card status condition (Not
Ready, Write Fault, etc.) or when an invalid command has been issued.
9.2.7
Bit 1
This bit is ‘0’.
9.2.8
Bit 0 (AMNF)
This bit is set when there is a general error.
Table 42.
Data Register Access (True IDE mode)
Data Register
–CS1
–CS0
A0
-DMACK
Offset
Data Bus
PIO Word Data Register
1
0
0
1
0h
D15 to D0
DMA Word Data Register
1
1
X
0
X
D15 to D0
PIO Byte Data Register (Selected Using
Set Features Command)
1
0
0
1
0h
D7 to D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com