Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BFY6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 15Page - STMicroelectronics SMC032BFY6 Datasheet HTML 16Page - STMicroelectronics SMC032BFY6 Datasheet HTML 17Page - STMicroelectronics SMC032BFY6 Datasheet HTML 18Page - STMicroelectronics SMC032BFY6 Datasheet HTML 19Page - STMicroelectronics SMC032BFY6 Datasheet HTML 20Page - STMicroelectronics SMC032BFY6 Datasheet HTML 21Page - STMicroelectronics SMC032BFY6 Datasheet HTML 22Page - STMicroelectronics SMC032BFY6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
SMCxxxBF
Electrical interface
19/91
–CD1, –CD2
(PC Card Memory Mode)
O
26,25
These are connected to ground on the Card. They are used
by the host to determine that the Card is fully inserted into
its socket.
–CD1, –CD2
(PC Card I/O Mode)
Same for all modes.
–CD1, –CD2
(True IDE Mode)
Same for all modes.
–CE1, –CE2
(PC Card Memory Mode)
I7,32
Used to select the Card and to indicate whether a Byte or a
Word operation is being performed. –CE2 accesses the odd
Byte, –CE1 accesses the even Byte or the odd Byte
depending on A0 and –CE2. A multiplexing scheme based
on A0, –CE1, –CE2 allows 8 bit hosts to access all data on
D0 to D7.
–CE1, –CE2
(PC Card I/O Mode)
Same as PC Card Memory Mode.
–CS0, –CS1
(True IDE Mode)
–CS0 is the chip select for the task file registers, while –CS1
selects the Alternate Status Register and the Device
Control Register.
When –DMACK is asserted, -CS0 and –CS1 must be de-
asserted and data width is 16 bits.
–CSEL
(PC Card Memory Mode)
Not used.
–CSEL
(PC Card I/O Mode)
I
39
Not used.
–CSEL
(True IDE Mode)
This internally pulled up signal is used to configure the Card
as a Master or Slave. When grounded it is configured as a
Master, when open it is configured as a Slave.
–IOWR
(PC Card Memory Mode)
I35
Not used.
–IOWR
(PC Card I/O Mode)
The I/O Write strobe pulse is used to clock I/O data on the
bus into the Card controller registers. Clocking occurs on
the rising edge.
–IOWR
(True IDE Mode)
Same as PC Card I/O Mode.
–OE
(PC Card Memory Mode)
I9
This is an Output Enable strobe generated by the host
interface. It reads data and the CIS and configuration
registers.
–OE
(PC Card I/O Mode)
Reads the CIS and configuration registers.
–ATASEL
(True IDE Mode)
This input signal must be driven Low to enable True IDE
mode.
Table 9.
Signal Description (continued)
Signal Name
Dir.
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com