Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Electrical Characteristics
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Freescale Semiconductor
25
2.5.3.2
Reset Configuration
The MSC7119 has two mechanisms for writing the reset configuration:
•
From a host through the host interface (HDI16)
•
From memory through the I2C interface
Five signal levels (see Chapter 1 for signal description details) are sampled on PORESET deassertion to define the boot and
operating conditions:
•
BM[0–1]
•
SWTE
•H8BIT
•
HDSP
2.5.3.3
Reset Timing Tables
Table 16 and Figure 4 describe the reset timing for a reset configuration write.
Table 16. Timing for a Reset Configuration Write
No.
Characteristics
Expression
Unit
1
Required external PORESET duration minimum
16/FCLKIN
clocks
2
Delay from PORESET deassertion to HRESET deassertion
521/FCLKIN
clocks
Note:
Timings are not tested, but are guaranteed by design.
Figure 4. Timing Diagram for a Reset Configuration Write
PORESET
PORESET
Internal
HRESET
Input
Output(I/O)
Configuration Pins
are sampled
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com