Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
28
Figure 7 provides the AC test load for the DDR DRAM bus.
2.5.5
TDM Timing
Figure 7. DDR DRAM AC Test Load
Table 19. DDR DRAM Measurement Conditions
Symbol
DDR DRAM
Unit
VTH
1
VREF ± 0.31 V
V
VOUT
2
0.5
× VDDM
V
Notes:
1.
Data input threshold measurement point.
2.
Data output measurement point.
Table 20. TDM Timing
No.
Characteristic
Expression
Min
Max
Units
300
TDMxRCK/TDMxTCK
TC
20.0
—
ns
301
TDMxRCK/TDMxTCK High Pulse Width
0.4
× TC
8.0
—
ns
302
TDMxRCK/TDMxTCK Low Pulse Width
0.4
× TC
8.0
—
ns
303
TDM all input Setup time
3.0
—
ns
304
TDMxRD Hold time
3.5
—
ns
305
TDMxTFS/TDMxRFS input Hold time
2.0
—
ns
306
TDMxTCK High to TDMxTD output active
4.0
—
ns
307
TDMxTCK High to TDMxTD output valid
—
14.0
ns
308
TDMxTD hold time
2.0
—
ns
309
TDMxTCK High to TDMxTD output high impedance
—
10.0
ns
310
TDMxTFS/TDMxRFS output valid
—
13.5
ns
311
TDMxTFS/TDMxRFS output hold time
2.5
—
ns
Notes:
1.
Output values are based on 30 pF capacitive load.
2.
Inputs are referenced to the sampling that the TDM is programmed to use. Outputs are referenced to the programming edge
they are programmed to use. Use of the rising edge or falling edge as a reference is programmable. Refer to the MSC711x
Reference Manual for details. TDMxTCK and TDMxRCK are shown using the rising edge.
Figure 8. TDM Receive Signals
Output
Z0 = 50 Ω
VOUT
RL = 50 Ω
TDMxRCK
TDMxRD
TDMxRFS
300
301
302
303
303
304
305
311
310
TDMxRFS (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com