Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
42
3.2
Power Supply Design Considerations
This section outlines the MSC7119 power considerations: power supply, power sequencing, power planes, decoupling, power
supply filtering, and power consumption. It also presents a recommended power supply design and options for low-power
consumption. For information on AC/DC electrical specifications and thermal characteristics, refer to Section 2.
•
Power Supply. The MSC7119 requires four input voltages, as shown in Table 32.
You should supply the MSC7119 core voltage via a variable switching supply or regulator to allow for compatibility
with possible core voltage changes on future silicon revisions. The core voltage is supplied with 1.2 V (+5% and –10%)
across VDDC and GND and the I/O section is supplied with 3.3 V (± 10%) across VDDIO and GND. The memory and
reference voltages supply the DDR memory controller block. The memory voltage is supplied with 2.5 V across VDDM
and GND. The reference voltage is supplied across VREF and GND and must be between 0.49 × VDDM and 0.51 ×
VDDM. Refer to the JEDEC standard JESD8 (Stub Series Terminated Logic for 2.5 Volts (STTL_2)) for memory
voltage supply requirements.
•
Power sequencing. One consequence of multiple power supplies is that the voltage rails ramp up at different rates when
power is initially applied. The rates depend on the power supply, the type of load on each power supply, and the way
different voltages are derived. It is extremely important to observe the power up and power down sequences at the
board level to avoid latch-up, forward biasing of ESD devices, and excessive currents, which all lead to severe device
damage. The correct power-up sequence is as follows:
— Turn on the highest supply first (3.3 V).
— Turn on the 2.5 V supply.
— Turn on the lowest supply last (1.2 V).
The correct power-down sequence is as follows:
— Turn off the lowest supply first (1.2 V).
— Turn off the 2.5 V supply.
— Turn off the highest supply last (3.3 V).
At any instant during power-up and power-down, the 2.5 V supply must maintain a differential of +0.7 V or more
below the 3.3 V supply. Also, at any instant, the 1.2 V supply must maintain a differential of +0.7 V or more below the
2.5 V supply, as shown in Figure 30. The power-down sequence is not as critical as the power-up sequence.
Table 32. MSC7119 Voltages
Voltage
Symbol
Value
Core
VDDC
1.2 V
Memory
VDDM
2.5 V
Reference
VREF
1.25 V
I/O
VDDIO
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com