Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Freescale Semiconductor
37
2.5.9
UART Timing
2.5.10
EE Timing
Figure 24 shows the signal behavior of the EE pin.
Table 27. UART Timing
No.
Characteristics
Expression
Min
Max
Unit
—
Internal bus clock (APBCLK)
FCORE/2
—
150
MHz
—
Internal bus clock period (1/APBCLK)
TAPBCLK
6.67
—
ns
400
URXD and UTXD inputs high/low duration
16
× TAPBCLK
106.67
—
ns
401
URXD and UTXD inputs rise/fall time
—
5
ns
402
UTXD output rise/fall time
—
5
ns
Figure 21. UART Input Timing
Figure 22. UART Output Timing
Table 28. EE0 Timing
Number
Characteristics
Type
Min
65
EE0 input to the core
Asynchronous
4 core clock periods
66
EE0 output from the core
Synchronous to core clock
1 core clock period
Notes:
1.
The core clock is the SC1400 core clock. The ratio between the core clock and CLKOUT is configured during power-on-reset.
2.
Configure the direction of the EE pin in the EE_CTRL register (see the SC140/SC1400 Core Reference Manual for details.
3.
Refer to Table 1-11 on page 1-16 for details on EE pin functionality.
Figure 23. EE Pin Timing
UTXD, URXD
400
inputs
400
401
401
UTXD Output
402
402
EE0 In
65
EE0 Out
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com