Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Electrical Characteristics
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Freescale Semiconductor
29
2.5.6
Ethernet Timing
2.5.6.1
Receive Signal Timing
Figure 9. TDM Transmit Signals
Table 21. Receive Signal Timing
No.
Characteristics
Min
Max
Unit
800
Receive clock period:
• MII: RXCLK (max frequency = 25 MHz)
• RMII: REFCLK (max frequency = 50 MHz)
40
20
—
—
ns
ns
801
Receive clock pulse width high—as a percent of clock period
• MII: RXCLK
• RMII: REFCLK
35
14
7
65
—
—
%
ns
ns
802
Receive clock pulse width low—as a percent of clock period:
• MII: RXCLK
• RMII: REFCLK
35
14
7
65
—
—
%
ns
ns
803
RXDn, RX_DV, CRS_DV, RX_ER to receive clock rising edge setup time
4
—
ns
804
Receive clock rising edge to RXDn, RX_DV, CRS_DV, RX_ER hold time
2
—
ns
Figure 10. Ethernet Receive Signal Timing
TDMxTCK
TDMxTD
306
307
309
308
300
301
302
311
310
TDMxRCK
TDMxTFS (output)
TDMxTFS (input)
303
305
Valid
Receive
RX_DV
RXDn
RX_ER
803
804
clock
800
802
801
CRS_DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com