Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Hardware Design Considerations
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Freescale Semiconductor
41
3
Hardware Design Considerations
This section described various areas to consider when incorporating the MSC7119 device into a system design.
3.1
Thermal Design Considerations
An estimation of the chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (R
θJA × PD)Eqn. 1
where
TA = ambient temperature near the package (°C)
R
θJA = junction-to-ambient thermal resistance (°C/W)
PD = PINT + PI/O = power dissipation in the package (W)
PINT = IDD × VDD = internal power dissipation (W)
PI/O = power dissipated from device on output pins (W)
The power dissipation values for the MSC7119 are listed in Table 4. The ambient temperature for the device is the air
temperature in the immediate vicinity that would cool the device. The junction-to-ambient thermal resistances are JEDEC
standard values that provide a quick and easy estimation of thermal performance. There are two values in common usage: the
value determined on a single layer board and the value obtained on a board with two planes. The value that more closely
approximates a specific application depends on the power dissipated by other components on the printed circuit board (PCB).
The value obtained using a single layer board is appropriate for tightly packed PCB configurations. The value obtained using a
board with internal planes is more appropriate for boards with low power dissipation (less than 0.02 W/cm
2 with natural
convection) and well separated components. Based on an estimation of junction temperature using this technique, determine
whether a more detailed thermal analysis is required. Standard thermal management techniques can be used to maintain the
device thermal junction temperature below its maximum. If TJ appears to be too high, either lower the ambient temperature or
the power dissipation of the chip.
You can verify the junction temperature by measuring the case temperature using a small diameter thermocouple (40 gauge is
recommended) or an infrared temperature sensor on a spot on the device case. Use the following equation to determine TJ:
TJ = TT + (ΨJT × PD)Eqn. 2
where
TT = thermocouple (or infrared) temperature on top of the package (°C)
Ψ
JT = thermal characterization parameter (°C/W)
PD = power dissipation in the package (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com