Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Electrical Characteristics
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Freescale Semiconductor
19
2.3
Thermal Characteristics
Table 4 describes thermal characteristics of the MSC7119 for the MAP-BGA package.
Section 3.1, Thermal Design Considerations explains these characteristics in detail.
2.4
DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC7119.
Note:
The leakage current is measured for nominal voltage values must vary in the same direction (for example, both VDDIO
and VDDC vary by +2 percent or both vary by –2 percent).
Table 4. Thermal Characteristics for MAP-BGA Package
Characteristic
Symbol
MAP-BGA 17
× 17 mm5
Unit
Natural
Convection
200 ft/min
(1 m/s) airflow
Junction-to-ambient1, 2
RθJA
39
31
°C/W
Junction-to-ambient, four-layer board1, 3
RθJA
23
20
°C/W
Junction-to-board4
RθJB
12
°C/W
Junction-to-case5
RθJC
7
°C/W
Junction-to-package-top6
ΨJT
2
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD 51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.
Table 5. DC Electrical Characteristics
Characteristic
Symbol
Min
Typical
Max
Unit
Core and PLL voltage
VDDC
VDDPLL
1.14
1.2
1.26
V
DRAM interface I/O voltage1
VDDM
2.375
2.5
2.625
V
I/O voltage
VDDIO
3.135
3.3
3.465
V
DRAM interface I/O reference voltage2
VREF
0.49
× VDDM
1.25
0.51
× VDDM
V
DRAM interface I/O termination voltage3
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input high CLKIN voltage
VIHCLK
2.4
3.0
3.465
V
DRAM interface input high I/O voltage
VIHM
VREF + 0.28
VDDM
VDDM + 0.3
V
DRAM interface input low I/O voltage
VILM
–0.3
GND
VREF – 0.18
V
Input leakage current, VIN = VDDIO
IIN
–1.0
0.09
1
µA
VREF input leakage current
IVREF
——
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com