Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
18
Table 2 describes the maximum electrical ratings for the MSC7119.
2.2
Recommended Operating Conditions
Table 3 lists recommended operating conditions. Proper device operation outside of these conditions is not guaranteed.
Table 2. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Core supply voltage
VDDC
1.5
V
Memory supply voltage
VDDM
4.0
V
PLL supply voltage
VDDPLL
1.5
V
I/O supply voltage
VDDIO
–0.2 to 4.0
V
Input voltage
VIN
(GND – 0.2) to 4.0
V
Reference voltage
VREF
4.0
V
Maximum operating temperature
TJ
105
°C
Minimum operating temperature
TA
–40
°C
Storage temperature range
TSTG
–55 to +150
°C
Notes:
1.
Functional operating conditions are given in Table 3.
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the listed limits may affect device reliability or cause permanent damage.
3.
Section 3.1, Thermal Design Considerations includes a formula for computing the chip junction temperature (TJ).
Table 3. Recommended Operating Conditions
Rating
Symbol
Value
Unit
Core supply voltage
VDDC
1.14 to 1.26
V
Memory supply voltage
VDDM
2.38 to 2.63
V
PLL supply voltage
VDDPLL
1.14 to 1.26
V
I/O supply voltage
VDDIO
3.14 to 3.47
V
Reference voltage
VREF
1.19 to 1.31
V
Operating temperature range
TJ
TA
maximum: 105
minimum: –40
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com