Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 19Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 20Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 21Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 22Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 23Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 24Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 25Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 26Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9858
Rev. C | Page 23 of 32
Register
Address
(MSB)
(LSB)
Default
Name
Ser
Par
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value
Profile
Phase
Offset
Word 2
(POW2)
0x08
0x1A
Phase Offset Word 2[7:0]
2
0x1B
Not used
Phase Offset Word 2[13:8]
2
Frequency
Tuning
Word 3
(FTW3)
0x09
0x1C
Frequency Tuning Word 3[7:0]
3
0x1D
Frequency Tuning Word 3[15:8]
3
0x1E
Frequency Tuning Word 3[23:16]
3
0x1F
Frequency Tuning Word 3[31:24]
3
Phase
Offset
Word 3
(POW3)
0x0A
0x20
Phase Offset Word 3[7:0]
3
0x21
Not used
Phase Offset Word 3[13:8]
3
Reserved
0x0B
0x22
Reserved, do not write, leave at 0xFF
0xFE
N/A
0x23
Reserved, do not write, leave at 0xFF
0xFF
N/A
REGISTER BIT DESCRIPTIONS
Control Function Register (CFR)
The CFR comprises four bytes. CFR is used to control the
various functions, features, and modes of the AD9858. The
functionality of each bit follows. Note that the register bits are
identified according to their serial register bit locations beginning
with the most significant bit.
CFR[31:30]: Frequency Detect Mode Charge Pump Current
These bits are used to set the scale factor for the frequency
detect mode charge pump output current (see Table 7). The
charge pump delivers the scaled output current when the
control logic forces the charge pump into its frequency detect
operating mode. The charge pump’s baseline output current
(ICP0) is determined by the external CPISET resistor and is
given by
ICP0 = 1.24/CPISET
The recommended nominal value of the CPISET resistor is
2.4 kΩ, which yields a baseline current of 500 μA.
Table 7.
CFR[31:30]
Frequency Detect Mode
Charge Pump Scale Value
Notes
00
0
IOUT = 0 (default)
01
2
IOUT = 20 × ICP0
10
3
IOUT = 40 × ICP0
11
4
IOUT = 60 × ICP0
CFR[29:27]: Final Closed-Loop Mode Charge Pump
Current
These bits are used to set the scale factor for the final closed-
loop mode charge pump output current (see Table 8). The
charge pump delivers the scaled output current when the control
logic forces the charge pump into its final closed-loop mode.
Table 8.
CFR[29:27]
Final Closed-Loop Mode
Charge Pump Scale Value
Notes
0xx
0
IOUT = 0 (default)
100
1
IOUT = ICP0
101
2
IOUT = 2 × ICP0
110
3
IOUT = 3 × ICP0
111
4
IOUT = 4 × ICP0
CFR[26:24]: Wide Closed-Loop Mode Charge Pump
Current
These bits are used to set the scale factor for the wide closed-
loop charge pump output current (see Table 9). The charge
pump delivers the scaled output current when the control logic
forces the charge pump into its wide closed-loop operating mode.
Table 9.
CFR[26:24]
Wide Closed-Loop Mode
Charge Pump Scale Value
Notes
000
0
IOUT = 0 (default)
001
2
IOUT = 2 × ICP0
010
4
IOUT = 4 × ICP0
011
6
IOUT = 6 × ICP0
100
8
IOUT = 8 × ICP0
101
10
IOUT = 10 × ICP0
110
12
IOUT = 12 × ICP0
111
14
IOUT = 14 × ICP0
CFR[23]: Auto Clear Frequency Accumulator Bit
When CFR[23] = 0 (default), a new delta frequency word is
applied to the input of the accumulator and added to the
currently stored value.
When CFR[23] = 1, this bit automatically synchronously clears
(loads zeros into) the frequency accumulator for one cycle upon
reception of the FUD sequence indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com