Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 24Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 25Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 26Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 27Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 28Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 29Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 30Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 31Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9858
Rev. C | Page 28 of 32
EVALUATION BOARDS
The AD9858 has three different evaluation board designs. The
first design is the traditional DDS evaluation board (see Figure 38).
In this design, the DDS is clocked and the output is taken
directly from the DAC. The analog mixer and PLL blocks are
made available for separate evaluation.
The second design is a fractional divide loop (see Figure 39).
This evaluation board was designed to incorporate the DDS, the
phase frequency detector, and the charge pump. In this
application, the DDS is used in a PLL loop. Unlike a fixed
divider used in traditional PLL loops, the output signal is
divided and fed back to the phase frequency detector by the
DDS. To do this, the output signal of the PLL loop is fed to the
DDS as REFCLK. The DDS is programmed to match the
reference input frequency. Because the DDS output frequency
can take on 232 potential values between 0 Hz and one-half of
the PLL loop output frequency, this enables frequency
resolution on the order of 470 MHz, assuming a PLL loop
output frequency of 2 GHz.
The third design is a translation loop or offset loop (see Figure 37).
In this design, the analog mixer is incorporated into the feedback
path of the loop. This allows direct up-conversion to the
transmission frequency.
The three evaluation boards have separate schematics, BOMs, and
instructions. See www.analog.com/dds for more information.
Table 13. Evaluation Boards for the AD9858
Model
Description
AD9858/PCBZ
AD9858 Frequency Synthesizer Board
AD9858/FDPCB
AD9858 Fractional Divide Loop Frequency
Synthesizer Board
AD9858/TLPCBZ
AD9858 Translation Loop Frequency
Synthesizer Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com