Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 16Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 17Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 18Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 19Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 20Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 21Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 22Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 23Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9858
Rev. C | Page 20 of 32
I/O Port Functionality
The I/O port can operate in either serial or parallel programming
mode. Mode selection is accomplished via the SPSELECT pin.
The ability to read back the contents of a register is provided in
both modes to facilitate the debug process during the user’s
prototyping phase of a design. In either mode, however, the
reading back of profile registers requires that the profile select
pins (PS0 and PS1) be configured to select the desired register
bank. When reading a register that resides in one of the profiles,
the register address acts as an offset to select one of the registers
among the group of registers defined by the profile. The profile
select pins control the base address of the register bank and
select the appropriate register grouping.
Parallel Programming Mode
In parallel programming mode, the I/O port makes use of eight
bidirectional data pins (D7 to D0), six address input pins (ADDR5
to ADDR0), a read input pin (RD), and a write input pin (WR).
A register is selected by providing the proper address combination
as defined in the register map (see
). Read or write
functionality is invoked by pulsing the appropriate pin (
Table 6
RD or
WR); the two operations are mutually exclusive. The read or write
data is transported on the D7 to D0 pins. The correlation between
the D7 to D0 data bits and their functionality at a specific register
address is detailed in the register map (see
) and register
bit description.
Table 6
Parallel I/O operation allows write access to each byte of any
register in the I/O buffer memory in a single I/O operation.
Readback capability is slower than write capability. It is intended as
a low speed function for debug purposes. Timing for both write
and read cycles is depicted in Figure 35 and Figure 36.
A3
A1
A2
D3
D1
D2
tWRHIGH
tWRLOW
tAHU
tDHU
tDSU
tASU
tWR
tASU
tDSU
tAHU
tDHU
tWRLOW
tWRHIGH
tWR
SPECIFICATION
3ns
3.5ns
0ns
0ns
3ns
6ns
9ns
VALUE
ADDRESS SETUP TIME TO WR SIGNAL ACTIVE
DATA SETUP TIME TO WR SIGNAL INACTIVE
ADDRESS HOLD TIME TO WR SIGNAL INACTIVE
DATA HOLD TIME TO WR SIGNAL INACTIVE
WR SIGNAL MINIMUM LOW TIME
WR SIGNAL MINIMUM HIGH TIME
WR SIGNAL MINIMUM PERIOD
DESCRIPTION
D[7:0]
ADDR[5:0]
WR
Figure 35. I/O Port Write Cycle Timing (Parallel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com