Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 14Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 15Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 16Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 17Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 18Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 19Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 20Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 21Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9858
Rev. C | Page 18 of 32
A DFRRW value of 0 written to the register stops all frequency
sweeping. There is no automated stop-at-a-given-frequency
function. The user must calculate the time interval required to
reach the final frequency and then issue a command to write 0
into the DFRRW register. The time required for a frequency
sweep is calculated by
DFTW
DFRRW
SYSCLK
2
f
f
t
2
34
S
F
×
×
−
=
where:
T is the duration of the sweep in seconds.
fS is the starting frequency determined by
SYSCLK
2
FTW
f
32
S
×
=
fF is the final frequency.
The delta frequency step size is given by
31
2
SYSCLK
DFTW ×
=
Δf
,
remembering that DFTW is a signed (twos complement) value.
The time between each frequency step (Δt) is given by
SYSCLK
DFRRW
×
= 8
Δt
The value of the stop frequency fF is determined by
Δt
Δf
×
+
=
t
f
f
S
F
Returning to Starting Frequency
The original frequency tuning word (FTW), which is written into
the frequency tuning register, does not change at any time during
a sweep operation. This means that the DDS can return to the
sweep starting frequency at any time during a sweep. Setting the
control bit, autoclear frequency accumulator, forces the frequency
accumulator to 0, instantly returning the DDS to the frequency
stored as FTW.
Full Sleep Mode
Setting all of the power-down bits in the control function register
activates full sleep mode. During the power-down condition,
the clocks associated with the various functional blocks of the
device are turned off, thereby offering a significant power savings.
SYNCHRONIZATION
SYNCLK and FUD Pins
Timing for the AD9858 is provided via the user-supplied REFCLK
input. The REFCLK input is buffered and is the source for the
internally generated SYSCLK. The frequency of SYSCLK can be
either the same as REFCLK or half that of REFCLK (CFR[6]).
The REFCLK input is capable of handling input frequencies as
high as 2 GHz. However, the device is designed for a maximum
SYSCLK frequency of 1 GHz. Thus, it is mandatory that the
divide-by-2 SYSCLK function be enabled when the frequency
of REFCLK is greater than 1 GHz.
SYSCLK serves as the sample clock for the DAC and is fed to
a divide-by-8 frequency divider to produce SYNCLK. SYNCLK
is provided to the user on the SYNCLK pin. This enables
synchronization of external hardware with the internal DDS
clock of the AD9858. External hardware that is synchronized
to the SYNCLK signal can then be used to provide the frequency
update (FUD) signal to the AD9858. The FUD signal and
SYNCLK are used to transfer the internal buffer register
contents into the memory registers of the device. Figure 33
shows a block diagram of the synchronization methodology,
and Figure 34 shows an I/O synchronization timing diagram.
SYNCLK is also used to synchronize the assertion of the profile
select pins (PS0 and PS1). The FUD, PS0, and PS1 pins must be
set up and held around the rising edge of SYNCLK.
REGISTER
MEMORY
EDGE
DETECTION
LOGIC
REFCLK
PS0, PS1
FUD
SYNCLK
SYSCLK
0
2 GHz DIVIDER
DISABLE
SYNCLK
DISABLE
TO CORE LOGIC
BUFFER
MEMORY
÷ 2
D
Q
WR/SCLK
ADDRx
DATA
SYNCLK
D
Q
÷ 8
Figure 33. I/O Synchronization Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com